Electronic Components Datasheet Search
  English  ▼

X  

LT3486 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3486
Description  Dual 1.3A White LED Step-Up Converters with Wide Dimming
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3486 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3486 Datasheet HTML 2Page - Linear Technology LT3486 Datasheet HTML 3Page - Linear Technology LT3486 Datasheet HTML 4Page - Linear Technology LT3486 Datasheet HTML 5Page - Linear Technology LT3486 Datasheet HTML 6Page - Linear Technology LT3486 Datasheet HTML 7Page - Linear Technology LT3486 Datasheet HTML 8Page - Linear Technology LT3486 Datasheet HTML 9Page - Linear Technology LT3486 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3486
6
3486f
PI FU CTIO S
SW1, SW2 (Pins 1, 16): The SW Pins are the Collectors
of the Internal Power Transistors. Connect the inductors
and Schottky diodes to these pins. Minimize trace area
at these pins to minimize EMI.
VIN (Pin 2): Input Supply Pin. Must be locally bypassed
with an X5R or X7R type ceramic capacitor.
OVP1, OVP2 (Pins 3, 14): Output Overvoltage Protection
Pins. Connect these pins to the output capacitors. The
on-chip voltage detectors monitor the voltages at these
pins and limit it to 36V (typ) by turning off the respective
switcher and pulling its VC pin low.
RT (Pin 4): Timing Resistor to Program the Switching
Frequency. The switching frequency can be programmed
from 200kHz to 2MHz.
VC1, VC2 (Pins 5, 12): The VC Pins are the Outputs of the
Internal Error Amplifier. The voltages at these pins control
the peak switch currents. Connect a resistor and capacitor
compensation network from these pin to ground.
FB1, FB2 (Pins 6, 11): The LT3486 regulates the voltage
at each feedback pin to 200mV. Connect the cathode of
the lowest LED in the string and the feedback resistor
(RFB) to the respective feedback pin. The LED current in
each string can be programmed by:
ILED ≅ 200mV/RFB, when VCTRL > 1.8V
ILED ≅ VCTRL/(5RFB), when VCTRL < 1V
CTRL1, CTRL2 (Pins 7, 10): The CTRL pins are used to
provide dimming and shutdown control for the individual
switching converters. Connecting these to ground shuts
down the respective converter. As the voltages on these
pins is ramped from 0V to 1.8V, the LED current in each
converter ramps from 0 to ILED = (200mV/RFB). Any volt-
age above 1.8V does not affect the LED current.
PWM1, PWM2 (Pins 8, 9): The PWM control pins can
be used to extend the dimming range for the individual
switching converter. The LED current in each string can
be controlled down to µA levels by feeding a PWM signal
to these pins. When the PWM pin voltage is taken below
0.4V, the respective converter is turned off and its VC pin
is disconnected from the internal circuitry. Taking it higher
than 0.9V resumes normal operation. Connect these pins
to 0.9V supply or higher, if not in use.
SHDN (Pin 13): Shutdown Pin for the Device. Connect it
to 1.6V or higher to enable device; 0.4V or less to disable
device.
REF (Pin 15): The internal bandgap reference (1.25V) is
available at this pin. Bypass with a 0.1µF X5R or X7R ce-
ramic capacitor. Draw no more than 50µA from this pin.
Exposed Pad (Pin 17): The exposed pad of the package
provides an electrical contact to ground and good thermal
connection to the printed circuit board (PCB). Solder the
exposed pad to the PCB system ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com