Electronic Components Datasheet Search
  English  ▼

X  

LT3486 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3486
Description  Dual 1.3A White LED Step-Up Converters with Wide Dimming
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3486 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3486 Datasheet HTML 7Page - Linear Technology LT3486 Datasheet HTML 8Page - Linear Technology LT3486 Datasheet HTML 9Page - Linear Technology LT3486 Datasheet HTML 10Page - Linear Technology LT3486 Datasheet HTML 11Page - Linear Technology LT3486 Datasheet HTML 12Page - Linear Technology LT3486 Datasheet HTML 13Page - Linear Technology LT3486 Datasheet HTML 14Page - Linear Technology LT3486 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3486
11
3486f
Figure 6b. Efficiency Comparison for Different RT Resistors
Inductor Selection
The choice of the inductor will depend on the selection of
switching frequency of LT3486. The switching frequency
can be programmed from 200kHz to 2MHz. Higher switch-
ing frequency allows the use of smaller inductors albeit
at the cost of increased switching losses.
The inductor current ripple (ΔIL),neglectingthedropacross
the Schottky diode and the switch, is given by:
∆=
()
I
VV
V
Vf L
L
IN MIN
OUT MAX
IN MIN
OUT MAX
()
(
)
()
()
•–
••
where:
L = Inductor
f = Operating frequency
VIN(MIN) = Minimum input voltage
VOUT(MAX) = Maximum output voltage
The ΔIL is typically set to 20% to 40% of the maximum
inductor current.
The inductor should have a saturation current rating greater
than the peak inductor current required for the application.
Also, ensure that the inductor has a low DCR (copper wire
resistance) to minimize I2R power losses. Recommended
inductor values range from 4.7µH to 22µH.
Several inductors that work well with the LT3486 are listed
in Table 1. Consult each manufacturer for more detailed in-
formation and for their entire selection of related parts.
Table 1. Recommended Inductors
MAX
CURRENT
L
DCR
RATING
PART
(µH)
(Ω)
(A)
VENDOR
LQH55DN150M
15
0.150
1.40
Murata
LQH55DN220M
22
0.190
1.20
(814) 237-1431
www.murata.com
A915AY-4R7M
4.7
0.045
2.49
Toko
A915AY-6R8M
6.8
0.068
2.01
(847) 297-0070
A915AY-100M
10
0.090
1.77
www.toko.com
A918CY-100M
10
0.098
1.22
A918CY-150M
15
0.149
0.94
CDRH4D28-100
10
0.048
1.30
Sumida
CDRH5D18-150
15
0.145
0.97
(847) 956-0666
www.sumida.com
Capacitor Selection
The small size of ceramic capacitors make them ideal
for LT3486 applications. Use only X5R and X7R types
because they retain their capacitance over wider voltage
and temperature ranges than other types such as Y5V
or Z5U. A 4.7µF or larger input capacitor is sufficient for
most applications. Always use a capacitor with sufficient
voltage rating.
Table 2 shows a list of several ceramic capacitor manufac-
turers. Consult the manufacturers for detailed information
on their entire selection of ceramic parts.
Table 2. Ceramic Capacitor Manufacturers
Taiyo Yuden
(408) 573-4150
www.t-yuden.com
AVX
(803) 448-9411
www.avxcorp.com
Murata
(714) 852-2001
www.murata.com
Diode Selection
Schottky diodes with their low forward voltage drop and
fast reverse recovery, are the ideal choices for LT3486
applications. The diode conducts current only during the
switch off time. The peak reverse voltage that the diode
must withstand is equal to the regulator output voltage.
APPLICATIO S I FOR ATIO
LED CURRENT (mA)
0
30
40
50
60
70
80
90
510
15
20
3486 F06b
25
VIN = 5V
8/8 LEDs
RT = 63.4k
RT = 21.5k
RT = 39.1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com