Electronic Components Datasheet Search
  English  ▼

X  

LT3486 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3486
Description  Dual 1.3A White LED Step-Up Converters with Wide Dimming
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3486 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3486 Datasheet HTML 12Page - Linear Technology LT3486 Datasheet HTML 13Page - Linear Technology LT3486 Datasheet HTML 14Page - Linear Technology LT3486 Datasheet HTML 15Page - Linear Technology LT3486 Datasheet HTML 16Page - Linear Technology LT3486 Datasheet HTML 17Page - Linear Technology LT3486 Datasheet HTML 18Page - Linear Technology LT3486 Datasheet HTML 19Page - Linear Technology LT3486 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT3486
16
3486f
3486 TA05A
3V TO 5V
COUT1
2.2
µF
COUT2
2.2
µF
25mA
PWM2
100Hz
8.06
Ω
8.06
Ω
25mA
OFF ON
D1
Q1
5V
100k
100k
2.8k
2.8k
63.4k
Q2
D2
CIN
10
µF
L1
10
µH
L2
10
µH
VIN
VIN
4.7nF
4.7nF
8 LEDs
8 LEDs
COUT1, COUT2: 35V, X5R OR X7R
CIN: 10V, X5R OR X7R
CREF
0.1
µF
VC1
VC2
RT
SW1
SW2
VIN
LT3486
OVP2
CTRL2
REF
PWM2
FB2
OVP1
CTRL1
SHDN
PWM1
FB1
PWM1
100Hz
D1, D2: ZETEX ZLLS400
L1, L2: TOKO D53LC (TYPE A)
Q1, Q2: FAIRCHILD 2N7002
1 Li-Ion Cell to 8/8 White LEDs
PWM DUTY CYCLE (%)
0
75
80
85
80
3486 TA05b
70
65
20
40
60
100
60
55
50
25
30
35
20
15
10
5
0
VIN = 3.6V
8/8 LEDs
EFFICIENCY
LED CURRENT
LED Current and Efficiency vs PWM Duty Cycle
Wide (250:1) Dimming Range
(LED Current 0.1mA to 25mA)
IL
200mA/DIV
LED CURRENT
20mA/DIV
PWM
5V/DIV
2ms/DIV
3486 TA05c
VIN = 3.6V
CTRL1 = 3.6V
8 LEDs/25mA
PWM FREQ = 100Hz
DUTY CYCLE (%)
0.1
10
100
1
10
100
3486 TA05d
1
0.10
0.01
VIN = 3.6V
8/8 LEDs
PWM FREQ = 100Hz
PWM Dimming Waveforms
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com