Electronic Components Datasheet Search
  English  ▼

X  

LT3486 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3486
Description  Dual 1.3A White LED Step-Up Converters with Wide Dimming
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3486 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3486 Datasheet HTML 10Page - Linear Technology LT3486 Datasheet HTML 11Page - Linear Technology LT3486 Datasheet HTML 12Page - Linear Technology LT3486 Datasheet HTML 13Page - Linear Technology LT3486 Datasheet HTML 14Page - Linear Technology LT3486 Datasheet HTML 15Page - Linear Technology LT3486 Datasheet HTML 16Page - Linear Technology LT3486 Datasheet HTML 17Page - Linear Technology LT3486 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT3486
14
3486f
S I FOR ATIO
APPLICATIO
Figure 10. Recommended Layout for LT3486
the figure. A PWM logic input is applied to the gate of the
NMOS and the PWM pin of the LT3486. When the PWM
input is taken high, the LEDs are connected to the RFB
resistor and a current ILED = 200mV/RFB flows through
the LEDs. When the PWM input is taken low, the LEDs are
disconnected and turn off. The low PWM input applied to
the LT3486 ensures that the respective converter turns
off and its VC pin goes high impedance. This ensures that
the capacitor connected to the VC pin retains its voltage
which in turn allows the LEDs to turn on faster, as shown
in Figure 8(b). The CTRL pin is not used to modulate the
LED current in the scheme. It can be connected to a supply
voltage greater than 1.8V.
The dimming control pins (PWM1, PWM2) can be used
to extend the dimming range for the individual switching
converters. The LED current can be controlled down to
µA levels by feeding a PWM signal with frequencies in the
range of 80Hz to 50kHz. The LED current can be controlled
by PWM frequencies above 50kHz but the controllable
current decreases with increasing frequency. Pulling the
PWM pins below 0.4V disables the respective switcher.
Taking it higher than 0.9V resumes normal operation.
Connect these pins to 0.9V or higher if not in use.
Figure 9 shows the LED current variation vs PWM duty
cycle. The LED current is controlled by applying a PWM
of frequency 100Hz, 1kHz and 25kHz to the circuit of
Figure 8a. As seen in the curves, the LED string is able to
get a wide (1000:1) dimming range with PWM frequency of
100Hz. The dimming range decreases as PWM frequency
goes up.
Board Layout Consideration
As with all switching regulators, careful attention must be
paid to the PCB board layout and component placement.
To prevent electromagnetic interference (EMI) problems,
proper layout of high frequency switching paths is essential.
Minimize the length and area of all traces connected to the
switching node pins (SW1 and SW2). Keep the feedback
pins (FB1 and FB2) away from the switching nodes.
The DFN and FE packages both have an exposed paddle
that must be connected to the system ground. The ground
connection for the feedback resistors should be tied directly
to the ground plane and not shared with any other compo-
nent, except the RT resistor, ensuring a clean, noise-free
connection. Recommended component placement for the
DFN package is shown in the Figure 10.
Figure 9. LED Current Variation vs PWM Duty Cycle
PWM DUTY CYCLE (%)
0.1
1
10
100
0.01
1
10
100
3486 F09
0.01
0.1
PWM FREQ = 100Hz
PWM FREQ = 1kHz
PWM FREQ = 25kHz
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
3486 F10
OVP1
VOUT1
VOUT2
FB1
FB2
LED1
LED2
CTRL1
CTRL2
VIN
SW1
SW2
VIN
VIN
RT
VC1
PWM1
REF
OVP2
SHDN
VC2
PWM2
VIAs TO VIN PLANE
VIAs TO GROUND PLANE
VIAs TO VIN PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com