Electronic Components Datasheet Search
  English  ▼

X  

LT3486 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3486
Description  Dual 1.3A White LED Step-Up Converters with Wide Dimming
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3486 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3486 Datasheet HTML 5Page - Linear Technology LT3486 Datasheet HTML 6Page - Linear Technology LT3486 Datasheet HTML 7Page - Linear Technology LT3486 Datasheet HTML 8Page - Linear Technology LT3486 Datasheet HTML 9Page - Linear Technology LT3486 Datasheet HTML 10Page - Linear Technology LT3486 Datasheet HTML 11Page - Linear Technology LT3486 Datasheet HTML 12Page - Linear Technology LT3486 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3486
9
3486f
output open circuit are shown in the Typical Performance
Characteristics graphs.
Figure 3a shows the transient response of switcher 1 with
the LEDs disconnected from the output. When the LED1
string is disconnected from the output, the voltage at
the feedback pin (FB1) drops to 0V. As a result, the error
amplifier charges up the VC node to the clamp voltage
level of 1.5V (typ). The converter starts switching at peak
current limit and ramps up the output voltage. When the
output voltage reaches the OVP clamp voltage level of
36V (typ), the LT3486 shuts off the converter by pulling
the VC node to ground. The converter then regulates the
output voltage at 36V (typ) by switching at a very low
frequency.
In the event one of the converters has an output open-
circuit, its output voltage will be clamped at 36V (typ).
However, the other converter will continue functioning
properly. The photo in Figure 3b shows circuit operation
with converter 1 output open-circuit and converter 2 driving
eight LEDs at 25mA. Converter 1 starts switching at a very
low frequency, reducing its input current.
Soft-Start
The LT3486 has a separate internal soft-start circuitry for
each converter. Soft-start helps to limit the inrush current
during start-up. Soft-start is achieved by clamping the
output of the error amplifier during the soft-start period.
This limits the peak inductor current and ramps up the
output voltage in a controlled manner.
The converter enters into soft-start mode whenever the
respective CTRL pin is pulled from low to high. Figure 4
shows the start-up waveforms with converter 2 driving
eight LEDs at 25mA. The filtered input current, as shown
in Figure 4, is well controlled. The soft-start circuit is more
effective when driving a smaller number of LEDs.
Undervoltage Lockout
The LT3486 has an undervoltage lockout circuit which
shuts down both the converters when the input voltage
drops below 2.1V (typ). This prevents the converter to
operate in an erratic mode when powered from low supply
voltages.
Overtemperature Protection
The maximum allowable junction temperature for LT3486 is
125°C. In normal operation, the IC’s junction temperature
should be kept below 125°C at an ambient temperature of
85°C or less. If the junction temperature exceeds 150°C, the
internal thermal shutdown circuitry kicks in and turns-off
both the converters. The converters will remain off until
the die temperature falls below 150°C.
OPERATIO
VOUT1
20V/DIV
VC1
2V/DIV
IL1
1A/DIV
100
µs/DIV
3486 F03a
VIN = 3.6V
CIRCUIT OF
FRONT PAGE
APPLICATION
LED1 DISCONNECTED
AT THIS INSTANT
VOUT1
1V/DIV
AC COUPLED
IL1
1A/DIV
IL2
500mA/DIV
2ms/DIV
3486 F03b
VIN = 3.6V
CIRCUIT OF FRONT PAGE APPLICATION
LED1 DISCONNECTED
VOUT2
10V/DIV
VFB2
200mV/DIV
IIN
200mA/DIV
CTRL2
5V/DIV
0.5ms/DIV
3486 F04
VIN = 3.6V
8 LEDs, 25mA
CIRCUIT OF FRONT PAGE APPLICATION
Figure 3a. Transient Response of Switcher 1 with LED1
Disconnected from the Output
Figure 3b. Switching Waveforms with Output 1 Open Circuit
Figure 4. Start-Up Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com