Electronic Components Datasheet Search
  English  ▼

X  

LT3486 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3486
Description  Dual 1.3A White LED Step-Up Converters with Wide Dimming
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3486 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3486 Datasheet HTML 4Page - Linear Technology LT3486 Datasheet HTML 5Page - Linear Technology LT3486 Datasheet HTML 6Page - Linear Technology LT3486 Datasheet HTML 7Page - Linear Technology LT3486 Datasheet HTML 8Page - Linear Technology LT3486 Datasheet HTML 9Page - Linear Technology LT3486 Datasheet HTML 10Page - Linear Technology LT3486 Datasheet HTML 11Page - Linear Technology LT3486 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT3486
8
3486f
OPERATIO
Main Control Loop
The LT3486 uses a constant frequency, current mode
control scheme to provide excellent line and load regulation.
It incorporates two identical, but fully independent PWM
converters. Operation can be best understood by referring
to the block diagram in Figure 1. The oscillator, start-up
bias and the bandgap reference are shared between the two
converters. The control circuitry, power switch, dimming
control etc., are all identical for both converters.
At power-up, the output capacitors of both converters are
charged up to VIN(inputsupplyvoltage)viatheirrespective
inductor and the Schottky diode. If the SHDN pin is taken
above 1.6V, the bandgap reference, start-up bias and the
oscillator are turned on. Grounding the SHDN pin shuts
down the part.
The CTRL1 and CTRL2 pins perform independent dimming
and shutdown control for the two converters. Taking
the CTRL pins high, enables the respective converters.
Connecting these pins to ground, shuts down each
converter by pulling their respective VC pin low.
Working of the main control loop can be understood by
following the operation of converter 1. At the start of
each oscillator cycle, the power switch Q1 is turned on.
A voltage proportional to the switch current is added to
a stabilizing ramp and the resulting sum is fed into the
positive terminal of the PWM comparator A2. When this
voltage exceeds the level at the negative input of A2, the
PWM logic turns off the power switch. The level at the
negative input of A2 is set by the error amplifier A1, and
is simply an amplified version of the difference between
the feedback voltage and the 200mV reference voltage. In
this manner, the error amplifier A1 regulates the feedback
voltage to 200mV reference voltage. The output of the
error amplifier A1 sets the correct peak current level in
inductor L1 to keep the output in regulation. The CTRL1
pin voltage is used to adjust the reference voltage.
The PWM1, 2 control pins are used to extend the dimming
range for the individual converter. The LED current in each
string can be controlled down to µA levels by feeding
a PWM signal to these pins. Refer to the Applications
Information section for more detail.
If only one of the converters is turned on, the other converter
will stay off and its output will remain charged up to VIN
(input supply voltage).
Minimum Output Current
The LT3486 can drive an 8-LED string at 4mA LED current
without pulse skipping. As current is further reduced, the
device may begin skipping pulses. This will result in some
low frequency ripple, although the LED current remains
regulated on an average basis down to zero. The photo
in Figure 2 shows circuit operation with 8 white LEDs
at 4mA current driven from 3.6V supply. Peak inductor
current is less than 200mA and the regulator operates in
discontinuous mode implying that the inductor current
reached zero during the discharge phase. After the inductor
current reaches zero, the switch pin exhibits ringing due to
the LC tank circuit formed by the inductor in combination
with switch and diode capacitance. This ringing is not
harmful; far less spectral energy is contained in the ringing
than in the switch transitions. The ringing can be damped
by application of a 300Ω resistor across the inductors,
although this will degrade efficiency.
Figure 2. Switching Waveforms
VOUT2
10mV/DIV
VSW2
20V/DIV
IL2
200mA/DIV
0.5
µs/DIV
3486 F02
VIN = 3.6V
ILED2 = 4mA (8 LEDs)
CIRCUIT OF FRONT PAGE APPLICATION
Open-Circuit Protection
The LT3486 has internal open-circuit protection for both
the converters. Connect the overvoltage protection pins
(OVP1, OVP2) to the output of the respective converter.
When the LEDs are disconnected from the circuit or fail
open, the on-chip voltage detectors monitor the voltages at
the OVP1 and OVP2 pins and limits these voltages to 36V
(typ) by turning off the respective switcher. The converter
will then switch at a very low frequency to minimize the
input current. Output voltage and input current during



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com