Electronic Components Datasheet Search
  English  ▼

X  

LT3486 Datasheet(PDF) 20 Page - Linear Technology

Part # LT3486
Description  Dual 1.3A White LED Step-Up Converters with Wide Dimming
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3486 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT3486 Datasheet HTML 12Page - Linear Technology LT3486 Datasheet HTML 13Page - Linear Technology LT3486 Datasheet HTML 14Page - Linear Technology LT3486 Datasheet HTML 15Page - Linear Technology LT3486 Datasheet HTML 16Page - Linear Technology LT3486 Datasheet HTML 17Page - Linear Technology LT3486 Datasheet HTML 18Page - Linear Technology LT3486 Datasheet HTML 19Page - Linear Technology LT3486 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT3486
20
3486f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2005
LT/TP 0705 500 • PRINTED IN USA
TYPICAL APPLICATIO
RELATED PARTS
12V to 8/8 White LEDs
LED Current and Efficiency
vs PWM Duty Cycle
3486 TA10a
12V (TYP)
9V TO 15V
COUT1
2.2
µF
COUT2
2.2
µF
100mA
PWM
FREQ
1kHz
RFB1
2
Ω
RFB2
2
Ω
100mA
OFF ON
D1
Q1
100k
100k
3.65k
3.65k
21.5k
Q2
5V
D2
CIN
10
µF
C1 1
µF
L1
10
µH
L2
10
µH
VIN
VIN
DIMMING
INPUT 1
DIMMING
INPUT 2
2.2nF
22pF
2.2nF
LUXEON
LEDs
LXCL-PWF1
LUXEON
LEDs
LXCL-PWF1
COUT1, COUT2: 35V, X5R OR X7R
CIN: 25V, X5R OR X7R
C1: 10V, X5R OR X7R
CREF: 6.3V, X5R OR X7R
CREF
0.1
µF
VC1
VC2
RT
SW1
SW2
VIN
LT3486
OVP2
CTRL2
REF
PWM2
FB2
OVP1
CTRL1
SHDN
PWM1
FB1
PWM
FREQ
1kHz
D1, D2: ZETEX ZLLS1000
L1, L2: TOKO D53LC (TYPE A)
Q1, Q2: FAIRCHILD FDN5630
PWM DUTY CYCLE (%)
0
60
65
70
75
80
85
90
0
20
40
60
80
100
120
20
40
60
80
3486 TA10b
100
EFFICIENCY
LED CURRENT
VIN = 12V
8/8 LEDs
PART NUMBER
DESCRIPTION
COMMENTS
LT1618
Constant Current, Constant Voltage 1.24MHz, High Efficiency
Up to 16 White LEDs, VIN: 1.6V to 18V, VOUT(MAX) = 34V,
Boost Regulator
IQ = 1.8mA, ISD < 1µA, MS Package
LT1932
Constant Current, 1.2MHz, High Efficiency White LED Boost
Up to 8 White LEDs, VIN: 1V to 10V, VOUT(MAX) = 34V,
Regulator
IQ = 1.2mA, ISD < 1µA, ThinSOT
TM Package
LT1937
Constant Current, 1.2MHz, High Efficiency White LED Boost
Up to 4 White LEDs, VIN: 2.5V to 10V, VOUT(MAX) = 34V,
Regulator
IQ = 1.9mA, ISD < 1µA, ThinSOT, SC70 Packages
LTC3200
Low Noise, 2MHz, Regulated Charge Pump White LED Driver
Up to 6 White LEDs, VIN: 2.7V to 4.5V, IQ = 8mA, ISD < 1µA,
MS Package
LTC3200-5
Low Noise, 2MHz, Regulated Charge Pump White LED Driver
Up to 6 White LEDs, VIN: 2.7V to 4.5V, IQ = 8mA, ISD < 1µA,
ThinSOT Package
LTC3201
Low Noise, 1.7MHz, Regulated Charge Pump White LED Driver
Up to 6 White LEDs, VIN: 2.7V to 4.5V, IQ = 6.5mA, ISD < 1µA,
MS Package
LTC3202
Low Noise, 1.5MHz, Regulated Charge Pump White LED Driver
Up to 8 White LEDs, VIN: 2.7V to 4.5V, IQ = 5mA, ISD < 1µA,
MS Package
LTC3205
High Efficiency, Multidisplay LED Controller
Up to 4 (Main), 2 (Sub) and RGB, VIN: 2.8V to 4.5V,
IQ = 50µA, ISD < 1µA, QFN-24 Package
LT3465/LT3465A Constant Current, 1.2MHz/2.7MHz, High Efficiency White LED
Up to Six White LEDs, VIN: 2.7V to 16V, VOUT(MAX) = 34V,
Boost Regulator with Integrated Schottky Diode
IQ = 1.9mA, ISD < 1µA, ThinSOT Package
LT3466
Dual Full Function White LED Boost Regulator with Integrated
Drives Up to 20 LEDs, VIN: 2.7V to 24V, VOUT(MAX) = 40V,
Schottky Diode
IQ = 5mA, ISD < 16µA, DFN Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com