Electronic Components Datasheet Search
  English  ▼

X  

AL5890 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL5890
Description  Constant Current LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5890 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL5890 Datasheet HTML 4Page - Diodes Incorporated AL5890 Datasheet HTML 5Page - Diodes Incorporated AL5890 Datasheet HTML 6Page - Diodes Incorporated AL5890 Datasheet HTML 7Page - Diodes Incorporated AL5890 Datasheet HTML 8Page - Diodes Incorporated AL5890 Datasheet HTML 9Page - Diodes Incorporated AL5890 Datasheet HTML 10Page - Diodes Incorporated AL5890 Datasheet HTML 11Page - Diodes Incorporated AL5890 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AL5890
Document number: DS40280 Rev. 2 - 2
8 of 17
www.diodes.com
May 2018
© Diodes Incorporated
AL5890
Application Information
Description
The AL5890 is a constant current Linear LED driver and can be connected in series with LEDs as a High Side or a Low Side constant current
regulator. The AL5890 offers various current settings from 10mA to 40mA and different current settings available upon request.
Simple LED String (AC/DC Configuration)
The AL5890 can be connected in series with LEDs as a Low Side or High Side constant current regulator. The number of the LEDs can vary
from one to as many as supported by the input supply voltage. The designer needs to calculate the maximum voltage between IN pin and OUT
pin by taking the maximum input voltage less the voltage across the LED string.
(AC Configuration)
Figure 14. Low Side AC Application
Figure 15. High Side AC Application
The AL5890 can also be used at the high side of the IC, see Figure 7. The minimum system input voltage can be calculated by:
VIN(MIN) = VLED_CHAIN + 7V, Where VLED_CHAIN is the LED chain voltage.
(DC Configuration)
Figure 16. Low Side DC Application
Figure 17. High Side DC Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com