Electronic Components Datasheet Search
  English  ▼

X  

AL5890 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL5890
Description  Constant Current LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5890 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL5890 Datasheet HTML 1Page - Diodes Incorporated AL5890 Datasheet HTML 2Page - Diodes Incorporated AL5890 Datasheet HTML 3Page - Diodes Incorporated AL5890 Datasheet HTML 4Page - Diodes Incorporated AL5890 Datasheet HTML 5Page - Diodes Incorporated AL5890 Datasheet HTML 6Page - Diodes Incorporated AL5890 Datasheet HTML 7Page - Diodes Incorporated AL5890 Datasheet HTML 8Page - Diodes Incorporated AL5890 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AL5890
Document number: DS40280 Rev. 2 - 2
3 of 17
www.diodes.com
May 2018
© Diodes Incorporated
AL5890
Functional Block Diagram
Out
In
Voltage
Regulator
Bandgap
Reference
RCS
Absolute Maximum Ratings (Note 4)
Symbol
Parameters
Ratings
Unit
VIN_OUT
IN Voltage Relative to OUT Pin
-0.3 to +425
V
IIN_OUT
LED Current Flows from IN to OUT Pin
50
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TST
Storage Temperature
-55 to +150
°C
ESD Ratings
Symbol
Parameter
Rating
Unit
VESD
Human-Body Model (HBM)
2000
V
Charged-Device Model (CDM)
1000
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN_OUT
IN Voltage Relative to OUT Pin
7
400
V
IIN_OUT
Current Flows from IN to OUT Pin
10
40
mA
TA
Operating Ambient Temperature Range
-40
+105
°C
TJ
Operating Junction Temperature
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com