Electronic Components Datasheet Search
  English  ▼

X  

AL5890 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL5890
Description  Constant Current LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5890 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL5890 Datasheet HTML 1Page - Diodes Incorporated AL5890 Datasheet HTML 2Page - Diodes Incorporated AL5890 Datasheet HTML 3Page - Diodes Incorporated AL5890 Datasheet HTML 4Page - Diodes Incorporated AL5890 Datasheet HTML 5Page - Diodes Incorporated AL5890 Datasheet HTML 6Page - Diodes Incorporated AL5890 Datasheet HTML 7Page - Diodes Incorporated AL5890 Datasheet HTML 8Page - Diodes Incorporated AL5890 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AL5890
Document number: DS40280 Rev. 2 - 2
1 of 17
www.diodes.com
May 2018
© Diodes Incorporated
AL5890
400V Constant Current LED Driver
Description
The AL5890 is a 400V constant current LED driver and it provides a
cost-effective two pin solution. It has good temperature stability and
the current accuracy of < ±2.0mA (typ.) regulated over a wide voltage
and temperature range. The AL5890 comes in various or pre-fixed
output current options removing the need for external current setting
resistors and creating a simple driver solution for the series of LEDs.
The AL5890 supports both the high-side and low-side driving of LED
chains.
The AL5890 turns on when the voltage between IN and OUT is
greater than 7V. Long LED chain application up to 400V operating
voltage subject to package thermal limitation.
The AL5890 is available in thermally robust PowerDI
®
123 (Type B),
SOT89 and TO252 (Standard) packages.
Features
DC up to 400V Operating Voltage With Long LED Chains
Subject to Package Thermal Constraint
LED Current Tolerance Over Wide Temperature Range
< ±2.0mA (typ.)
Thermal Foldback Protection
10mA, 15mA, 20mA, 30mA, and 40mA pre-fixed Constant
Output Current Options
PowerDI123 (Type B), SOT89 and TO252 (Standard) Thermally
Enhanced Packages
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments (Top View)
Out
In
2
1
PowerDI123 (Type B)
SOT89
1
2
In
Out
3
NC
2
TO252 (Standard)
Applications
Commercial LED Lighting Fixtures
Emergency Lighting
Signage, Downlights, Decorative and Architectural Lighting
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and
Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
1
2
3
NC
In
Out
PowerDI is a registered trademark of Diodes Incorporated.


Similar Part No. - AL5890

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
AL5892SP-13 DIODES-AL5892SP-13 Datasheet
657Kb / 11P
OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
More results

Similar Description - AL5890

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
CONSTANT CURRENT LED DRIVER
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
CONSTANT CURRENT LED DRIVER
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
Constant Current LED Driver
SP7619 SIPEX-SP7619 Datasheet
420Kb / 8P
Constant Current LED Driver
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
Constant Current LED Driver.
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
Constant Current LED Driver
June, 2011 ??Rev. 2
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
Constant Current LED Driver
2016/09/23
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
Constant Current LED Driver
2016/09/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com