Electronic Components Datasheet Search
  English  ▼

X  

AL5890 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AL5890
Description  Constant Current LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5890 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AL5890 Datasheet HTML 9Page - Diodes Incorporated AL5890 Datasheet HTML 10Page - Diodes Incorporated AL5890 Datasheet HTML 11Page - Diodes Incorporated AL5890 Datasheet HTML 12Page - Diodes Incorporated AL5890 Datasheet HTML 13Page - Diodes Incorporated AL5890 Datasheet HTML 14Page - Diodes Incorporated AL5890 Datasheet HTML 15Page - Diodes Incorporated AL5890 Datasheet HTML 16Page - Diodes Incorporated AL5890 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AL5890
Document number: DS40280 Rev. 2 - 2
14 of 17
www.diodes.com
May 2018
© Diodes Incorporated
AL5890
Package Outline Dimensions ( Cont.)
Please see http://www.diodes.com/package-outlines.html for the latest version.
(3) TO252 (Standard)
TO252 (Standard)
Dim Min
Max
Typ
A
2.19
2.39
2.29
A1
0.00
0.13
0.08
A2
0.97
1.17
1.07
b
0.64
0.88 0.783
b2
0.76
1.14
0.95
b3
5.21
5.46
5.33
c
0.45
0.58 0.531
D
6.00
6.20
6.10
D1
5.21
-
-
e
-
-
2.286
E
6.45
6.70
6.58
E1
4.32
-
-
H
9.40 10.41 9.91
L
1.40
1.78
1.59
L3
0.88
1.27
1.08
L4
0.60
1.02
0.83
a
0°
10°
-
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
PowerDI123 (Type B)
Dimensions
Value
(in mm)
G
2.000
X
1.050
X1
4.100
Y
1.500
b3
E
L3
D
L4
b2( 2x)
b( 3x)
e
c
A
7°±1°
H
Seating Plane
A1
Gauge Plane
0.508
L
2.74REF
D1
A2
E1
Option A
( Bottom View)
Option B
( Top View)
Option B
( Bottom View)
Option A
( Top View)
X
Y
X1
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com