Electronic Components Datasheet Search
  English  ▼

X  

AL5890 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AL5890
Description  Constant Current LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5890 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AL5890 Datasheet HTML 8Page - Diodes Incorporated AL5890 Datasheet HTML 9Page - Diodes Incorporated AL5890 Datasheet HTML 10Page - Diodes Incorporated AL5890 Datasheet HTML 11Page - Diodes Incorporated AL5890 Datasheet HTML 12Page - Diodes Incorporated AL5890 Datasheet HTML 13Page - Diodes Incorporated AL5890 Datasheet HTML 14Page - Diodes Incorporated AL5890 Datasheet HTML 15Page - Diodes Incorporated AL5890 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AL5890
Document number: DS40280 Rev. 2 - 2
12 of 17
www.diodes.com
May 2018
© Diodes Incorporated
AL5890
Marking Information
(1)
PowerDI123 (Type B)
XX Y W X
Out
In
(Top View)
XX : Identification code
Y : Year 0 to 9
X : Internal code
W : Week : A to Z : 1 to 26 week;
a to z : 27 to 52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
AL5890-10P1-13
PowerDI123 (Type B)
B2
AL5890-15P1-13
PowerDI123 (Type B)
B3
AL5890-20P1-13
PowerDI123 (Type B)
B4
AL5890-30P1-13
PowerDI123 (Type B)
B5
AL5890-40P1-13
PowerDI123 (Type B)
B6
(2)
SOT89
1
3
2
XX
Y W X
XX : Identification code
( Top View )
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
X : Internal code
a~z : 27~52 week;
z represents 52 and 53 week
Part Number
Package
Identification Code
AL5890-10Y-13
SOT89
B2
AL5890-15Y-13
SOT89
B3
AL5890-20Y-13
SOT89
B4
AL5890-30Y-13
SOT89
B5
AL5890-40Y-13
SOT89
B6
(3)
TO252 (Standard)
90-VV
( Top View )
YY WW X X
Logo
Marking ID
90-VV : 10 for 10mA
15 for 15mA
20 for 20mA
30 for 30mA
40 for 40mA
X X : Internal Code
WW : Week : 01 to 52, 52 represents
YY : Year : 01 to 09
52 and 53 week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com