Electronic Components Datasheet Search
  English  ▼

X  

AL5890 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AL5890
Description  Constant Current LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5890 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AL5890 Datasheet HTML 6Page - Diodes Incorporated AL5890 Datasheet HTML 7Page - Diodes Incorporated AL5890 Datasheet HTML 8Page - Diodes Incorporated AL5890 Datasheet HTML 9Page - Diodes Incorporated AL5890 Datasheet HTML 10Page - Diodes Incorporated AL5890 Datasheet HTML 11Page - Diodes Incorporated AL5890 Datasheet HTML 12Page - Diodes Incorporated AL5890 Datasheet HTML 13Page - Diodes Incorporated AL5890 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AL5890
Document number: DS40280 Rev. 2 - 2
10 of 17
www.diodes.com
May 2018
© Diodes Incorporated
AL5890
Application Information (Cont.)
Thermal Fold-back Protection (TFP)
The AL5890 has a thermal fold-back protection (TFP) function and adopts self-adaptive control method, which can prevent the system from
breaking down caused by high temperature. The typical overheating temperature is set at +130°C, when the junction temperature of the IC is
higher than +130°C, the device will linearly decrease the internal reference voltage to decrease the output current. As a result of this feature, the
device can control the system’s output power at high ambient temperature, to control the quantity of heat of the system. This enhances the
safety of the system at high temperature.
Thermal fold-back waveform AL5890-10mA (PowerDI123 (Type B) package
, 1”x1” PCB with 2oz copper, no heatsink) with VIN_OUT = 100V is
shown as below:
Figure 19. Thermal Foldback Characteristic
Figure 20. Thermal Foldback Characteristic with Different Current Option across Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com