Electronic Components Datasheet Search
  English  ▼

X  

AL5890 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL5890
Description  Constant Current LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5890 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL5890 Datasheet HTML 1Page - Diodes Incorporated AL5890 Datasheet HTML 2Page - Diodes Incorporated AL5890 Datasheet HTML 3Page - Diodes Incorporated AL5890 Datasheet HTML 4Page - Diodes Incorporated AL5890 Datasheet HTML 5Page - Diodes Incorporated AL5890 Datasheet HTML 6Page - Diodes Incorporated AL5890 Datasheet HTML 7Page - Diodes Incorporated AL5890 Datasheet HTML 8Page - Diodes Incorporated AL5890 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AL5890
Document number: DS40280 Rev. 2 - 2
2 of 17
www.diodes.com
May 2018
© Diodes Incorporated
AL5890
Typical Applications Circuit
(AC Configuration)
(DC Configuration)
Pin Descriptions
Pin Name
Pin Number
Function
PowerDI123
(Type B)
SOT89
TO252
(Standard)
In
1
1
1
LED Current Input Terminal ( Note 4)
Out
2
2
2
LED Current Output Terminal (Note 4)
NC
-
3
3
Not Connected
Exposed Pad
-
2
2
-
Note:
4. Stresses greater than the Absolute Maximum Ratings specified above may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions exceeding those indicated in this specification is not
implied. Device reliability may be affected by exposure to absolute maximum rating conditions for extended periods of time. Semiconductor
devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when handling
and transporting these devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com