Electronic Components Datasheet Search
  English  ▼

X  

AL5890 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AL5890
Description  Constant Current LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5890 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AL5890 Datasheet HTML 7Page - Diodes Incorporated AL5890 Datasheet HTML 8Page - Diodes Incorporated AL5890 Datasheet HTML 9Page - Diodes Incorporated AL5890 Datasheet HTML 10Page - Diodes Incorporated AL5890 Datasheet HTML 11Page - Diodes Incorporated AL5890 Datasheet HTML 12Page - Diodes Incorporated AL5890 Datasheet HTML 13Page - Diodes Incorporated AL5890 Datasheet HTML 14Page - Diodes Incorporated AL5890 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AL5890
Document number: DS40280 Rev. 2 - 2
11 of 17
www.diodes.com
May 2018
© Diodes Incorporated
AL5890
Ordering Information
AL5890–X X–X
Package
P1: PowerDI123
(Type B)
Y: SOT89
D: TO252 (Standard)
Packing
Current Option
13: 13" Tape and Reel
10: 10mA
15: 15mA
20: 20mA
30: 30mA
40: 40mA
Product Name
Part Number
LED Current
Option
Package Code
Packaging
13
’’ Tape and Reel
Quantity
Part Number Suffix
AL5890-10P1-13
10mA
P1
PowerDI123 (Type B)
10,000/ Tape & Reel
-13
AL5890-15P1-13
15mA
P1
PowerDI123 (Type B)
10,000/ Tape & Reel
-13
AL5890-20P1-13
20mA
P1
PowerDI123 (Type B)
10,000/ Tape & Reel
-13
AL5890-30P1-13
30mA
P1
PowerDI123 (Type B)
10,000/ Tape & Reel
-13
AL5890-40P1-13
40mA
P1
PowerDI123 (Type B)
10,000/ Tape & Reel
-13
AL5890-10Y-13
10mA
Y
SOT89
2,500/ Tape & Reel
-13
AL5890-15Y-13
15mA
Y
SOT89
2,500/ Tape & Reel
-13
AL5890-20Y-13
20mA
Y
SOT89
2,500/ Tape & Reel
-13
AL5890-30Y-13
30mA
Y
SOT89
2,500/ Tape & Reel
-13
AL5890-40Y-13
40mA
Y
SOT89
2,500/ Tape & Reel
-13
AL5890-10D-13
10mA
D
TO252 (Standard)
2,500/ Tape & Reel
-13
AL5890-15D-13
15mA
D
TO252 (Standard)
2,500/ Tape & Reel
-13
AL5890-20D-13
20mA
D
TO252 (Standard)
2,500/ Tape & Reel
-13
AL5890-30D-13
30mA
D
TO252 (Standard)
2,500/ Tape & Reel
-13
AL5890-40D-13
40mA
D
TO252 (Standard)
2,500/ Tape & Reel
-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com