Electronic Components Datasheet Search
  English  ▼

X  

TE28F320B3BC90 Datasheet(PDF) 7 Page - Intel Corporation

Part # TE28F320B3BC90
Description  3 Volt Advanced Boot Block Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F320B3BC90 Datasheet(HTML) 7 Page - Intel Corporation

Back Button TE28F320B3BC90 Datasheet HTML 3Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 4Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 5Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 6Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 7Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 8Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 9Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 10Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
28F004/400B3, 28F008/800B3, 28F016/160B3, 28F320B3, 28F640B3
3UHOLPLQDU\
1
1.0
Introduction
This datasheet contains the specifications for the 3 Volt Advanced Boot Block flash memory
family, which is optimized for low power, portable systems. This family of products features
1.65 V–2.5 V or 2.7 V–3.6 V I/Os and a low VCC/VPP operating range of 2.7 V–3.6 V for read,
program, and erase operations. In addition this family is capable of fast programming at 12 V.
Throughout this document, the term “2.7 V” refers to the full voltage range 2.7 V–3.6 V (except
where noted otherwise) and “VPP = 12 V” refers to 12 V ±5%. Section 1.0 and 2.0 provide an
overview of the flash memory family including applications, pinouts and pin descriptions. Section
3.0 describes the memory organization and operation for these products. Sections 4.0 and 5.0
contain the operating specifications. Finally, Sections 6.0 and 7.0 provide ordering and other
reference information.
The 3 Volt Advanced Boot Block flash memory features:
• Enhanced blocking for easy segmentation of code and data or additional design flexibility
• Program Suspend to Read command
• VCCQ input of 1.65 V–2.5 V on all I/Os. See Figures 1 through 4 for pinout diagrams and
VCCQ location
• Maximum program and erase time specification for improved data storage.
NOTES:
1. 32-Mbit and 64-Mbit densities not available in 40-lead TSOP.
2. 4-Mbit density not available in
µBGA* CSP.
3. VCCMax is 3.3 V on 0.25µm 32-Mbit devices.
4. 4- and 64-Mbit densities not available on 48-Ball VF BGA.
Table 1.
3 Volt Advanced Boot Block Feature Summary
Feature
28F004B3(2), 28F008B3,
28F016B3
28F400B3(2), 28F800B3,
28F160B3, 28F320B3(3),
28F640B3
Reference
VCC Read Voltage
2.7 V– 3.6 V
Section 4.2,
Section 4.4
VCCQ I/O Voltage
1.65 V–2.5 V or 2.7 V– 3.6 V
Section 4.2, 4.4
VPP Program/Erase Voltage
2.7 V– 3.6 V or 11.4 V– 12.6 V
Section 4.2, 4.4
Bus Width
8 bit
16 bit
Table 3
Speed
70 ns, 80 ns, 90 ns, 100 ns, 110 ns
Section 4.5
Memory Arrangement
512 Kbit x 8 (4 Mbit)
1024 Kbit x 8 (8 Mbit),
2048 Kbit x 8 (16 Mbit)
256 Kbit x 16 (4 Mbit),
512 Kbit x 16 (8 Mbit),
1024 Kbit x 16 (16 Mbit),
2048 Kbit x 16 (32 Mbit),
4096 Kbit x 16 (64 Mbit)
Section 2.2
Blocking (top or bottom)
Eight 8-Kbyte parameter blocks and
Seven 64-Kbyte blocks (4 Mbit) or
Fifteen 64-Kbyte blocks (8 Mbit) or
Thirty-one 64-Kbyte main blocks (16 Mbit)
Sixty-three 64-Kbyte main blocks (32 Mbit)
One hundred twenty-seven 64-Kbyte main blocks (64 Mbit)
Section 2.2
Appendix C
Locking
WP# locks/unlocks parameter blocks
All other blocks protected using VPP
Section 3.3
Table 8
Operating Temperature
Extended: –40
°C to +85 °C
Section 4.2, 4.4
Program/Erase Cycling
100,000 cycles
Section 4.2, 4.4
Packages
40-lead TSOP(1),
48-Ball
µBGA* CSP(2)
48-Lead TSOP,
48-Ball
µBGA CSP(2),
48-Ball VF BGA(4)
Figure 3, Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com