Electronic Components Datasheet Search
  English  ▼

X  

TE28F320B3BC90 Datasheet(PDF) 6 Page - Intel Corporation

Part # TE28F320B3BC90
Description  3 Volt Advanced Boot Block Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F320B3BC90 Datasheet(HTML) 6 Page - Intel Corporation

Back Button TE28F320B3BC90 Datasheet HTML 2Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 3Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 4Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 5Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 6Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 7Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 8Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 9Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
28F004/400B3, 28F008/800B3, 28F016/160B3, 28F320B3, 28F640B3
vi
3UHOLPLQDU\
-008
4-Mbit packaging and addressing information corrected throughout document
-009
Corrected 4-Mbit memory addressing tables in Appendices D and E
-010
Max ICCD changed to 25 µA
VCCMax on 32 M (28F320B3) changed to 3.3 V
-011
Added 64-Mbit density and faster speed offerings
Removed access time vs. capacitance load curve
-012
Changed references of 32Mbit 80ns devices to 70ns devices to reflect the faster product
offering.
Changed VccMax=3.3V reference to indicate the affected product is the 0.25
µm 32Mbit
device.
Minor text edits throughout document.
Number
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com