Electronic Components Datasheet Search
  English  ▼

X  

TE28F320B3BC90 Datasheet(PDF) 43 Page - Intel Corporation

Part # TE28F320B3BC90
Description  3 Volt Advanced Boot Block Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F320B3BC90 Datasheet(HTML) 43 Page - Intel Corporation

Back Button TE28F320B3BC90 Datasheet HTML 39Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 40Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 41Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 42Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 43Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 44Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 45Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 46Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
28F004/400B3, 28F008/800B3, 28F016/160B3, 28F320B3, 28F640B3
3UHOLPLQDU\
37
Appendix A Write State Machine Current/Next States
Command Input (and Next State)
Current State
SR.7
Data
When
Read
Read
Array
(FFH)
Program
Setup (10/
40H)
Erase
Setup
(20H)
Erase
Confirm
(D0H)
Prog/Ers
Suspend
(B0H)
Prog/Ers
Resume
(D0H)
Read
Status
(70H)
Clear
Status
(50H)
Read
Identifier.
(90H)
Read Array
“1”
Array
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read
Identifier
Read Status
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read
Identifier
Read
Identifier
“1”
Identifier
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read
Identifier
Prog. Setup
“1”
Status
Program (Command Input = Data to be Programmed)
Program
(continue)
“0”
Status
Program (continue)
Prog. Susp.
to Rd.
Status
Program (continue)
Program
Suspend to
Read Status
“1”
Status
Prog.
Sus. to
Read
Array
Program Suspend
to Read Array
Program
(continue)
Program
Susp. to
Read Array
Program
(continue)
Prog.
Susp. to
Read
Status
Prog.
Sus. to
Read
Array
Prog.
Susp. to
Read
Identifier
Program
Suspend to
Read Array
“1”
Array
Prog.
Susp. to
Read
Array
Program Suspend
to Read Array
Program
(continue)
Program
Susp. to
Read Array
Program
(continue)
Prog.
Susp. to
Read
Status
Prog.
Sus. to
Read
Array
Prog.
Susp. to
Read
Identifier
Prog. Susp. to
Read
Identifier
“1”
Identifier
Prog.
Susp. to
Read
Array
Program Suspend
to Read Array
Program
(continue)
Program
Susp. to
Read Array
Program
(continue)
Prog.
Susp. to
Read
Status
Prog.
Sus. to
Read
Array
Prog.
Susp. to
Read
Identifier
Program
(complete)
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read
Identifier
Erase Setup
“1”
Status
Erase Command Error
Erase
(continue)
Erase
Cmd. Error
Erase
(continue)
Erase Command Error
Erase Cmd.
Error
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read
Identifier
Erase
(continue)
“0”
Status
Erase (continue)
Erase Sus.
to Read
Status
Erase (continue)
Erase
Suspend to
Status
“1”
Status
Erase
Susp. to
Read
Array
Program
Setup
Erase
Susp. to
Read
Array
Erase
Erase
Susp. to
Read Array
Erase
Erase
Susp. to
Read
Status
Erase
Susp. to
Read
Array
Ers. Susp.
to Read
Identifier
Erase Susp.
to Read
Array
“1”
Array
Erase
Susp. to
Read
Array
Program
Setup
Erase
Susp. to
Read
Array
Erase
Erase
Susp. to
Read Array
Erase
Erase
Susp. to
Read
Status
Erase
Susp. to
Read
Array
Ers. Susp.
to Read
Identifier
Erase Susp.
to Read
Identifier
“1”
Identifier
Erase
Susp. to
Read
Array
Program
Setup
Erase
Susp. to
Read
Array
Erase
Erase
Susp. to
Read Array
Erase
Erase
Susp. to
Read
Status
Erase
Susp. to
Read
Array
Ers. Susp.
to Read
Identifier
Erase
(complete)
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read
Identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com