Electronic Components Datasheet Search
  English  ▼

X  

TE28F320B3BC90 Datasheet(PDF) 12 Page - Intel Corporation

Part # TE28F320B3BC90
Description  3 Volt Advanced Boot Block Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F320B3BC90 Datasheet(HTML) 12 Page - Intel Corporation

Back Button TE28F320B3BC90 Datasheet HTML 8Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 9Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 10Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 11Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 12Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 13Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 14Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 15Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
28F004/400B3, 28F008/800B3, 28F016/160B3, 28F320B3, 28F640B3
6
3UHOLPLQDU\
Table 2.
3 Volt Advanced Boot Block Pin Descriptions
Symbol
Type
Name and Function
A0–A21
INPUT
ADDRESS INPUTS for memory addresses. Addresses are internally latched during a program or
erase cycle.
28F004B3: A[0-18], 28F008B3: A[0-19], 28F016B3: A[0-20],
28F400B3: A[0-17], 28F800B3: A[0-18], 28F160B3: A[0-19],
28F320B3: A[0-20], 28F640B3: A[0-21]
DQ0–DQ7
INPUT/
OUTPUT
DATA INPUTS/OUTPUTS: Inputs array data on the second CE# and WE# cycle during a Program
command. Inputs commands to the Command User Interface when CE# and WE# are active. Data is
internally latched. Outputs array, identifier and status register data. The data pins float to tri-state when
the chip is de-selected or the outputs are disabled.
DQ8–
DQ15
INPUT/
OUTPUT
DATA INPUTS/OUTPUTS: Inputs array data on the second CE# and WE# cycle during a Program
command. Data is internally latched. Outputs array and identifier data. The data pins float to tri-state
when the chip is de-selected. Not included on x8 products.
CE#
INPUT
CHIP ENABLE: Activates the internal control logic, input buffers, decoders and sense amplifiers. CE#
is active low. CE# high de-selects the memory device and reduces power consumption to standby
levels.
OE#
INPUT
OUTPUT ENABLE: Enables the device’s outputs through the data buffers during a read operation.
OE# is active low.
WE#
INPUT
WRITE ENABLE: Controls writes to the Command Register and memory array. WE# is active low.
Addresses and data are latched on the rising edge of the second WE# pulse.
RP#
INPUT
RESET/DEEP POWER-DOWN: Uses two voltage levels (VIL, VIH) to control reset/deep power-down
mode.
When RP# is at logic low, the device is in reset/deep power-down mode, which drives the outputs
to High-Z, resets the Write State Machine, and minimizes current levels (ICCD).
When RP# is at logic high, the device is in standard operation. When RP# transitions from logic-
low to logic-high, the device defaults to the read array mode.
WP#
INPUT
WRITE PROTECT: Provides a method for locking and unlocking the two lockable parameter blocks.
When WP# is at logic low, the lockable blocks are locked, preventing program and erase
operations to those blocks. If a program or erase operation is attempted on a locked block, SR.1 and
either SR.4 [program] or SR.5 [erase] will be set to indicate the operation failed.
When WP# is at logic high, the lockable blocks are unlocked and can be programmed or erased.
See Section 3.3 for details on write protection.
VCCQ
INPUT
OUTPUT VCC: Enables all outputs to be driven to 1.8 V – 2.5 V while the VCC is at 2.7 V–3.3 V. If the
VCC is regulated to 2.7 V–2.85 V, VCCQ can be driven at 1.65 V–2.5 V to achieve lowest power
operation (see Section 4.4
).
This input may be tied directly to VCC (2.7 V–3.6 V).
VCC
DEVICE POWER SUPPLY: 2.7 V–3.6 V
VPP
PROGRAM/ERASE POWER SUPPLY: Supplies power for program and erase operations. VPP may
be the same as VCC (2.7 V–3.6 V) for single supply voltage operation. For fast programming at
manufacturing, 11.4 V–12.6 V may be supplied to VPP. This pin cannot be left floating. Applying
11.4 V–12.6 V to VPP can only be done for a maximum of 1000 cycles on the main blocks and 2500
cycles on the parameter blocks. VPP may be connected to 12 V for a total of 80 hours maximum (see
Section 3.4 for details).
VPP < VPPLK protects memory contents against inadvertent or unintended program and erase
commands.
GND
GROUND: For all internal circuitry. All ground inputs must be connected.
NC
NO CONNECT: Pin may be driven or left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com