Electronic Components Datasheet Search
  English  ▼

X  

TE28F320B3BC90 Datasheet(PDF) 14 Page - Intel Corporation

Part # TE28F320B3BC90
Description  3 Volt Advanced Boot Block Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F320B3BC90 Datasheet(HTML) 14 Page - Intel Corporation

Back Button TE28F320B3BC90 Datasheet HTML 10Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 11Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 12Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 13Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 14Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 15Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 16Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 17Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
28F004/400B3, 28F008/800B3, 28F016/160B3, 28F320B3, 28F640B3
8
3UHOLPLQDU\
NOTES:
1. 8-bit devices use only DQ[0:7], 16-bit devices use DQ[0:15].
2. X must be VIL, VIH for control pins and addresses.
3. See
DC Characteristics for VPPLK, VPP1, VPP2, VPP3, VPP4 voltages.
4. Manufacturer and device codes may also be accessed in read identifier mode (A1–A21 = 0). See Table 5.
5. Refer to Table 6 for valid DIN during a write operation.
6. To program or erase the lockable blocks, hold WP# at VIH.
7. RP# must be at GND
± 0.2 V to meet the maximum deep power-down current specified.
3.1.1
Read
The flash memory has four read modes available: read array, read identifier, read status and read
query. These modes are accessible independent of the VPP voltage. The appropriate Read Mode
command must be issued to the CUI to enter the corresponding mode. Upon initial device power-
up or after exit from reset, the device automatically defaults to read array mode.
CE# and OE# must be driven active to obtain data at the outputs. CE# is the device selection
control; when active it enables the flash memory device. OE# is the data output control and it
drives the selected memory data onto the I/O bus. For all read modes, WE# and RP# must be at
VIH. Figure 7 illustrates a read cycle.
3.1.2
Output Disable
With OE# at a logic-high level (VIH), the device outputs are disabled. Output pins are placed in a
high-impedance state.
3.1.3
Standby
Deselecting the device by bringing CE# to a logic-high level (VIH) places the device in standby
mode, which substantially reduces device power consumption without any latency for subsequent
read accesses. In standby, outputs are placed in a high-impedance state independent of OE#. If
deselected during program or erase operation, the device continues to consume active power until
the program or erase operation is complete.
3.1.4
Deep Power-Down / Reset
From read mode, RP# at VIL for time tPLPH deselects the memory, places output drivers in a high-
impedance state, and turns off all internal circuits. After return from reset, a time tPHQV is required
until the initial read access outputs are valid. A delay (tPHWL or tPHEL) is required after return from
reset before a write can be initiated. After this wake-up interval, normal operation is restored. The
CUI resets to read array mode, and the status register is set to 80H. This case is shown in
Figure 9A.
Table 3.
Bus Operations(1)
Mode
Note
RP#
CE#
OE#
WE#
DQ0–7
DQ8–15
Read (Array, Status, or Identifier)
2–4
VIH
VIL
VIL
VIH
DOUT
DOUT
Output Disable
2
VIH
VIL
VIH
VIH
High Z
High Z
Standby
2
VIH
VIH
X
X
High Z
High Z
Reset
2, 7
VIL
X
X
X
High Z
High Z
Write
2, 5–7
VIH
VIL
VIH
VIL
DIN
DIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com