Electronic Components Datasheet Search
  English  ▼

X  

AXP209 Datasheet(PDF) 40 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP209 Datasheet(HTML) 40 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP209 Datasheet HTML 36Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 37Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 38Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 39Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 40Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 41Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 42Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 43Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 44Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 40/45
Enhanced single Cell Li-Battery and Power System Management IC
AXP209
0
Charge VBUS 充电功能设置
0:断开 VBUS 充电电阻;1:使用 VBUS 充电电阻给 VBUS 充电
RW
0
10.34 REG 8FH:过温关机等功能设置
默认值
:21H
Bit
描述
R/W
默认值
7-3
保留,不可更改
RW
0
2
AXP209 内部过温关机功能设置
0:不关机; 1:关机
RW
0
1-0
保留,不可更改
10.35 REG 90H:GPIO0 功能设置
默认值
:07H
Bit
描述
R/W
默认值
7
GPIO0 上升沿 IRQ 或 Wakeup 功能
RW
0
6
GPIO0 下降沿 IRQ 或 Wakeup 功能
0:disable
1:enable
RW
0
5-3
保留,不可更改
RW
0
2
RW
1
1
RW
1
0
GPIO0 管脚功能设置 Bit 2-0
000:输出低
001:输出高(3.3V)
010:通用输入功能
011:低噪声 LDO5
100:ADC 输入
1XX:浮空
RW
1
10.36 REG 91H: LDO5 输出电压以及 EXTEN/GPIO 输出高电平设置
默认值
:A5H
Bit
描述
R/W
默认值
7-4
LDO5 输出电压设置
Vout=[1.8 +( Bit7-4)*0.1]V; defalt=1.8+10*0.1=2.8V
RW
1010
3
保留,不可更改
2-0
EXTEN 以及 GPIO[1:0]输出高电平设置
000:1.8V;001:2.5V;010:2.8V;011:3.0V;100:3.1V;101:3.3V;110:3.4V;111:3.5V
RW
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com