Electronic Components Datasheet Search
  English  ▼

X  

AXP209 Datasheet(PDF) 35 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP209 Datasheet(HTML) 35 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP209 Datasheet HTML 31Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 32Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 33Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 34Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 35Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 36Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 37Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 38Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 39Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 35/45
Enhanced single Cell Li-Battery and Power System Management IC
AXP209
00:4.1V; 01:4.15V; 10:4.2V; 11:4.36V
4
充电结束电流设置
0:充电电流小于 10%设置值时结束充电
1:充电电流小于 15%设置值时结束充电
RW
0
3-0
充电电流设置
Icharge= [300+(Bit3-0)*100]mA
RW
X
10.15 REG 34H:充电控制 2
默认值
:45H
Bit
描述
R/W
默认值
7
预充电超时设置
Bit1
RW
0
6
预充电超时设置
Bit0
00: 40 min; 01: 50min;
10: 60min; 11: 70min
RW
1
5
保留
4
CHGLED 模式选择
0:充电时常亮
1:充电时闪烁
RW
0
3-2
保留,不可更改
1-0
恒流模式下超时设置
Bit1-0
00: 6Hours; 01: 8Hours;
10: 10Hours; 11: 12Hours
RW
01
10.16 REG 35H:备用电池充电控制
默认值
:22H
Bit
描述
R/W
默认值
7
备用电池充电使能控制
0:关闭;1:打开
RW
0
6-5
备用电池充电目标电压设置
00:3.1V;01:3.0V;10:3.6V;11:2.5V
RW
01
4-2
保留,不可更改
1-0
备用电池充电电流设置
00: 50uA;01: 100uA;10: 200uA; 11:
400uA
RW
10
10.17 REG 36H:PEK 按键参数设置
默认值
:9DH
Bit
描述
R/W
默认值



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com