Electronic Components Datasheet Search
  English  ▼

X  

AXP209 Datasheet(PDF) 12 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP209 Datasheet(HTML) 12 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP209 Datasheet HTML 8Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 9Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 10Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 11Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 12Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 13Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 14Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 15Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 16Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 12/45
Enhanced single Cell Li-Battery and Power System Management IC
AXP209
7.管脚定义(Pin Description)
Num
Name
Type
Condition
Function Description
1
SDA
IO
Data pin for serial interface,normally it connect a 2.2K
resistor to 3.3V I/O power
2
SCK
I
it is the Clock pin for serial interface,normally it connect
a 2.2K resistor to 3.3V I/O power
3
GPIO3
IO
REG9EH[7]
GPIO 3
4
N_OE
I
Power output on/off switch
GND:on; IPSOUT:off
5
GPIO2
IO
REG92H[2:0]
GPIO 2
6
N_VBUSEN
I
VBUS to IPSOUT Selection
GND:IPSOUT select VBUS
High:IPSOUT do not select VBUS
7
VIN2
PI
DCDC2 input source
8
LX2
IO
Inductor Pin for DCDC2
9
PGND2
G
NMOS Ground for DCDC2
10
DCDC2
I
DC-DC2 feedback pin
11
LDO4
O
Output Pin of LDO4
12
LDO2
O
Output Pin of LDO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com