Electronic Components Datasheet Search
  English  ▼

X  

AXP209 Datasheet(PDF) 43 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP209 Datasheet(HTML) 43 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP209 Datasheet HTML 37Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 38Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 39Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 40Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 41Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 42Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 43Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 44Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 45Page - Shenzhen X-Powers Technology Co ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 43/45
Enhanced single Cell Li-Battery and Power System Management IC
AXP209
IRQ 状态 2,REG49H:默认值:00H
Bit
描述
R/W
默认值
7-0
状态位的含义分别对应
41H 的各 bit
RW
0
10.43 REG 42H 及 4AH:IRQ 使能 3 及 IRQ 状态 3
IRQ 使能 3,REG42H:默认值:03H
Bit
描述
R/W
默认值
7
AXP209 内部过温 IRQ 使能
RW
0
6
充电电流小于设置电流
IRQ 使能
RW
0
5
保留,不可更改
4
DC-DC2 输出电压小于设置值 IRQ 使能
RW
0
3
DC-DC3 输出电压小于设置值 IRQ 使能
RW
0
2
LDO3 输出电压小于设置值 IRQ 使能
1
PEK 短按键 IRQ 使能
RW
1
0
PEK 长按键 IRQ 使能
RW
1
IRQ 状态 3,REG4AH:默认值:00H
Bit
描述
R/W
默认值
7-0
状态位的含义分别对应
42H 的各 bit
RW
0
10.44 REG 43H 及 4BH: IRQ 使能 4 及 IRQ 状态 4
IRQ 使能 4,REG43H:默认值:01H
Bit
描述
R/W
默认值
7
N_OE 开机 IRQ 使能
RW
0
6
N_OE 关机 IRQ 使能
RW
0
5
VBUS 有效 IRQ 使能
RW
0
4
VBUS 无效 IRQ 使能
RW
0
3
VBUS Session A/B IRQ 使能
RW
0
2
VBUS Session End IRQ 使能
RW
0
1
APS 低压 IRQ 使能(LEVEL1)
RW
0
0
APS 低压 IRQ 使能(LEVEL2)
RW
1
IRQ 状态 4,REG4BH:默认值:00H
Bit
描述
R/W
默认值
7-0
状态位的含义分别对应
43H 的各 bit
RW
0
10.45 REG 44H 及 4C:IRQ 使能 5 及 IRQ 状态 5
IRQ 使能 5,REG44H,默认值:00H;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com