Electronic Components Datasheet Search
  English  ▼

X  

BME280 Datasheet(PDF) 11 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 11 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 7Page - Bosch Sensortec GmbH BME280 Datasheet HTML 8Page - Bosch Sensortec GmbH BME280 Datasheet HTML 9Page - Bosch Sensortec GmbH BME280 Datasheet HTML 10Page - Bosch Sensortec GmbH BME280 Datasheet HTML 11Page - Bosch Sensortec GmbH BME280 Datasheet HTML 12Page - Bosch Sensortec GmbH BME280 Datasheet HTML 13Page - Bosch Sensortec GmbH BME280 Datasheet HTML 14Page - Bosch Sensortec GmbH BME280 Datasheet HTML 15Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
Bosch Sensortec | BME280 Data sheet
11 | 55
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS002-15
Revision_1.6_092018
Temperature coefficient
of offset5
TCOP
25…65 °C, 900 hPa
±1.5
Pa/K
±12.6
cm/K
Absolute accuracy
pressure
APext
300. . 1100 hPa
-20 . . . 0 °C
±1.7
hPa
AP,full
300 . . . 1100 hPa
0 . . . 65 °C
±1.0
hPa
AP
1100 . . . 1250 hPa
25 . . . 40 °C
±1.5
hPa
Relative accuracy
pressure
VDD = 3.3V
Arel
700 … 900hPa
25 . . . 40 °C
±0.12
hPa
Resolution of
pressure output data
RP
Highest oversampling
0.18
Pa
Noise in pressure
NP,fullBW
Full bandwidth,
highest oversampling
See chapter 3.6
1.3
Pa
11
cm
NP,filtered
Reduced bandwidth,
highest oversampling
See chapter 3.6
0.2
Pa
1.7
cm
Solder drift
Minimum solder height
50µm
-0.5
+2.0
hPa
Long term stability6
Pstab
per year
±1.0
hPa
Possible sampling rate
fsample_P
Lowest oversampling,
see chapter 9.2
157
182
Hz
1.4 Temperature sensor specification
Table 4: Temperature parameter specification
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Operating range
T
Operational
-40
25
85
°C
Full accuracy
0
65
°C
Supply current
IDD,T
1 Hz forced mode,
temperature
measurement only
1.0
µA
AT,25
25 °C
±0.5
°C
5 When changing temperature by e.g. 10 °C at constant pressure / altitude, the measured pressure / altitude will change by (10 ×
TCOP).
6 Long term stability is specified in the full accuracy operating pressure range 0 … 65 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com