Electronic Components Datasheet Search
  English  ▼

X  

BME280 Datasheet(PDF) 12 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 12 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 8Page - Bosch Sensortec GmbH BME280 Datasheet HTML 9Page - Bosch Sensortec GmbH BME280 Datasheet HTML 10Page - Bosch Sensortec GmbH BME280 Datasheet HTML 11Page - Bosch Sensortec GmbH BME280 Datasheet HTML 12Page - Bosch Sensortec GmbH BME280 Datasheet HTML 13Page - Bosch Sensortec GmbH BME280 Datasheet HTML 14Page - Bosch Sensortec GmbH BME280 Datasheet HTML 15Page - Bosch Sensortec GmbH BME280 Datasheet HTML 16Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
Bosch Sensortec | BME280 Data sheet
12 | 55
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS002-15
Revision_1.6_092018
Absolute accuracy
temperature7
AT,full
0…65 °C
±1.0
°C
AT,ext8
-20 …. 0 °C
±1.25
°C
AT,ext9
-40 … -20 °C
±1.5
°C
Output resolution
RT
API output resolution
0.01
°C
RMS noise
NT
Lowest oversampling
0.005
°C
7 Temperature measured by the internal temperature sensor. This temperature value depends on the PCB temperature, sensor
element self-heating and ambient temperature and is typically above ambient temperature.
8 Target values & not guaranteed
9 Target values & not guaranteed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com