Electronic Components Datasheet Search
  English  ▼

X  

BME280 Datasheet(PDF) 32 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 32 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 28Page - Bosch Sensortec GmbH BME280 Datasheet HTML 29Page - Bosch Sensortec GmbH BME280 Datasheet HTML 30Page - Bosch Sensortec GmbH BME280 Datasheet HTML 31Page - Bosch Sensortec GmbH BME280 Datasheet HTML 32Page - Bosch Sensortec GmbH BME280 Datasheet HTML 33Page - Bosch Sensortec GmbH BME280 Datasheet HTML 34Page - Bosch Sensortec GmbH BME280 Datasheet HTML 35Page - Bosch Sensortec GmbH BME280 Datasheet HTML 36Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
Bosch Sensortec | BME280 Data sheet
32 | 55
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS002-15
Revision_1.6_092018
6. Digital interfaces
The BME280 supports the I²C and SPI digital interfaces; it acts as a slave for both protocols. The I²C
interface supports the Standard, Fast and High Speed modes. The SPI interface supports both SPI
mode ‘00’ (CPOL = CPHA = ‘0’) and mode ‘11’ (CPOL = CPHA = ‘1’) in 4-wire and 3-wire configuration.
The following transactions are supported:
Single byte write
multiple byte write (using pairs of register addresses and register data)
single byte read
multiple byte read (using a single register address which is auto-incremented)
6.1 Interface selection
Interface selection is done automatically based on CSB (chip select) status. If CSB is connected to
VDDIO, the I²C interface is active. If CSB is pulled down, the SPI interface is activated. After CSB has
been pulled down once (regardless of whether any clock cycle occurred), the I²C interface is disabled
until the next power-on-reset. This is done in order to avoid inadvertently decoding SPI traffic to
another slave as I²C data. Since the device startup is deferred until both VDD and VDDIO are
established, there is no risk of incorrect protocol detection because of the power-up sequence used.
However, if I²C is to be used and CSB is not directly connected to VDDIO but is instead connected to a
programmable pin, it must be ensured that this pin already outputs the VDDIO level during power-on-
reset of the device. If this is not the case, the device will be locked in SPI mode and not respond to I²C
commands.
6.2 I²C Interface
The I²C slave interface is compatible with Philips I²C Specification version 2.1. For detailed timings,
please review Table 33. All modes (standard, fast, high speed) are supported. SDA and SCL are not
pure open-drain. Both pads contain ESD protection diodes to VDDIO and GND. As the devices does
not perform clock stretching, the SCL structure is a high-Z input without drain capability.
Figure 8: SDI/SCK ESD drawing
The 7-bit device address is 111011x. The 6 MSB bits are fixed. The last bit is changeable by SDO
value and can be changed during operation. Connecting SDO to GND results in slave address
1110110 (0x76); connection it to VDDIO results in slave address 1110111 (0x77), which is the same as



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com