Electronic Components Datasheet Search
  English  ▼

X  

BME280 Datasheet(PDF) 31 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 31 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 27Page - Bosch Sensortec GmbH BME280 Datasheet HTML 28Page - Bosch Sensortec GmbH BME280 Datasheet HTML 29Page - Bosch Sensortec GmbH BME280 Datasheet HTML 30Page - Bosch Sensortec GmbH BME280 Datasheet HTML 31Page - Bosch Sensortec GmbH BME280 Datasheet HTML 32Page - Bosch Sensortec GmbH BME280 Datasheet HTML 33Page - Bosch Sensortec GmbH BME280 Datasheet HTML 34Page - Bosch Sensortec GmbH BME280 Datasheet HTML 35Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
Bosch Sensortec | BME280 Data sheet
31 | 55
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS002-15
Revision_1.6_092018
Table 29: Register 0xF7 … 0xF9 “press”
Register 0xF7…0xF9
“press”
Name
Description
0xF7
press_msb[7:0]
Contains the MSB part up[19:12] of the raw pressure
measurement output data.
0xF8
press_lsb[7:0]
Contains the LSB part up[11:4] of the raw pressure
measurement output data.
0xF9 (bit 7, 6, 5, 4)
press_xlsb[3:0]
Contains the XLSB part up[3:0] of the raw pressure
measurement output data. Contents depend on
temperature resolution.
5.4.8
Register 0xFA…0xFC “temp” (_msb, _lsb, _xlsb)
The “temp” register contains the raw temperature measurement output data ut[19:0]. For details on
how to read out the pressure and temperature information from the device, please consult chapter 4.
Table 30: Register 0xFA … 0xFC “temp”
Register 0xFA…0xFC
“temp”
Name
Description
0xFA
temp_msb[7:0]
Contains the MSB part ut[19:12] of the raw
temperature measurement output data.
0xFB
temp_lsb[7:0]
Contains the LSB part ut[11:4] of the raw
temperature measurement output data.
0xFC (bit 7, 6, 5, 4)
temp_xlsb[3:0]
Contains the XLSB part ut[3:0] of the raw
temperature measurement output data. Contents
depend on pressure resolution.
5.4.9
Register 0xFD…0xFE “hum” (_msb, _lsb)
The “temp” register contains the raw temperature measurement output data ut[19:0]. For details on
how to read out the pressure and temperature information from the device, please consult chapter 4.
Table 31: Register 0xFD … 0xFE “hum”
Register 0xFD…0xFE
“hum”
Name
Description
0xFD
hum_msb[7:0]
Contains the MSB part uh[15:8] of the raw humidity
measurement output data.
0xFE
temp_lsb[7:0]
Contains the LSB part uh[7:0] of the raw humidity
measurement output data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com