Electronic Components Datasheet Search
  English  ▼

X  

BME280 Datasheet(PDF) 18 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 18 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 14Page - Bosch Sensortec GmbH BME280 Datasheet HTML 15Page - Bosch Sensortec GmbH BME280 Datasheet HTML 16Page - Bosch Sensortec GmbH BME280 Datasheet HTML 17Page - Bosch Sensortec GmbH BME280 Datasheet HTML 18Page - Bosch Sensortec GmbH BME280 Datasheet HTML 19Page - Bosch Sensortec GmbH BME280 Datasheet HTML 20Page - Bosch Sensortec GmbH BME280 Datasheet HTML 21Page - Bosch Sensortec GmbH BME280 Datasheet HTML 22Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
Bosch Sensortec | BME280 Data sheet
18 | 55
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS002-15
Revision_1.6_092018
When the IIR filter is disabled, the temperature resolution is 16 + (osrs_t – 1) bit, e.g. 18 bit
when osrs_t is set to ‘3’.
3.4.4
IIR filter
The humidity value inside the sensor does not fluctuate rapidly and does not require low pass filtering.
However, the environmental pressure is subject to many short-term changes, caused e.g. by
slamming of a door or window, or wind blowing into the sensor. To suppress these disturbances in the
output data without causing additional interface traffic and processor work load, the BME280 features
an internal IIR filter. It effectively reduces the bandwidth of the temperature and pressure output
signals10 and increases the resolution of the pressure and temperature output data to 20 bit. The
output of a next measurement step is filtered using the following formula:
data_filtered =
data_filtered_old ⋅ (filter_coefficient − 1) + data_ADC
filter_coefficient
Data_filtered_old is the data coming from the current filter memory, and data_ADC is the data coming
from current ADC acquisition.
Data_filtered is the new value of filter memory and the value that will be
sent to the output registers.
The IIR filter can be configured to different filter coefficients, which slows down the response to the
sensor inputs. Note that the response time with enabled IIR filter depends on the number of samples
generated, which means that the data output rate must be known to calculate the actual response
time. For register configuration, please refer to Table 28. A sample response time calculation is shown
in chapter 9.4.
Table 6: filter settings
Filter coefficient
Samples to reach ≥75 %
of step response
Filter off
1
2
2
4
5
8
11
16
22
In order to find a suitable setting for filter, please consult chapter 3.5.
When writing to the register filter, the filter is reset. The next ADC values will the pass through the filter
unchanged and become the initial memory values for the filter. If temperature or pressure
measurements are skipped, the corresponding filter memory will be kept unchanged even though the
output registers are set to 0x80000. When the previously skipped measurement is re-enabled, the
output will be filtered using the filter memory from the last time when the measurement was not
skipped. If this is not desired, please write to the filter register in order to re-initialize the filter.
10 Since the BME280 does not sample continuously, filtering can suffer from signals with a frequency higher than the sampling
rate of the sensor. E.g. environmental fluctuations caused by windows being opened and closed might have a frequency <5 Hz.
Consequently, a sampling rate of ODR = 10 Hz is sufficient to obey the Nyquist theorem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com