Electronic Components Datasheet Search
  English  ▼

X  

BME280 Datasheet(PDF) 46 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 46 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 42Page - Bosch Sensortec GmbH BME280 Datasheet HTML 43Page - Bosch Sensortec GmbH BME280 Datasheet HTML 44Page - Bosch Sensortec GmbH BME280 Datasheet HTML 45Page - Bosch Sensortec GmbH BME280 Datasheet HTML 46Page - Bosch Sensortec GmbH BME280 Datasheet HTML 47Page - Bosch Sensortec GmbH BME280 Datasheet HTML 48Page - Bosch Sensortec GmbH BME280 Datasheet HTML 49Page - Bosch Sensortec GmbH BME280 Datasheet HTML 50Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
Bosch Sensortec | BME280 Data sheet
46 | 55
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS002-15
Revision_1.6_092018
7.9 Reconditioning Procedure
After exposing the device to operating conditions, which exceed the limits specified in section 1.2, e.g.
after reflow, the humidity sensor may possess an additional offset. Therefore the following
reconditioning procedure is mandatory to restore the calibration state:
1. Dry-Baking:
120 °C at <5% rH for 2 h
2. Re-Hydration:
70 °C at 75% rH for 6 h
or alternatively
1. Dry-Baking:
120 °C at <5% rH for 2 h
2. Re-Hydration:
25 °C at 75% rH for 24 h
or alternatively after solder reflow only
1. Do not perform Dry-Baking
2. Ambient Re-Hydration: ~25 °C at >40% rH for >5d
7.10 Tape and reel specification
7.10.1
Dimensions
Figure 23: Tape and Reel dimensions
Quantity per reel: 10 kpcs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com