Electronic Components Datasheet Search
  English  ▼

X  

BME280 Datasheet(PDF) 45 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 45 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 41Page - Bosch Sensortec GmbH BME280 Datasheet HTML 42Page - Bosch Sensortec GmbH BME280 Datasheet HTML 43Page - Bosch Sensortec GmbH BME280 Datasheet HTML 44Page - Bosch Sensortec GmbH BME280 Datasheet HTML 45Page - Bosch Sensortec GmbH BME280 Datasheet HTML 46Page - Bosch Sensortec GmbH BME280 Datasheet HTML 47Page - Bosch Sensortec GmbH BME280 Datasheet HTML 48Page - Bosch Sensortec GmbH BME280 Datasheet HTML 49Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
Bosch Sensortec | BME280 Data sheet
45 | 55
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS002-15
Revision_1.6_092018
7.8 Soldering guidelines and reconditioning recommendations
The moisture sensitivity level of the BME280 sensors corresponds to JEDEC Level 1, see also:
 IPC/JEDEC J-STD-020C “Joint Industry Standard: Moisture/Reflow Sensitivity Classification for
non-hermetic Solid State Surface Mount Devices”
 IPC/JEDEC J-STD-033A “Joint Industry Standard: Handling, Packing, Shipping and Use of
Moisture/Reflow Sensitive Surface Mount Devices”.
The sensor fulfils the lead-free soldering requirements of the above-mentioned IPC/JEDEC standard,
i.e. reflow soldering with a peak temperature up to 260°C. The minimum height of the solder after
reflow shall be at least 50µm. This is required for good mechanical decoupling between the sensor
device and the printed circuit board (PCB).
Figure 22: Soldering profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com