Electronic Components Datasheet Search
  English  ▼

X  

BME280 Datasheet(PDF) 38 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 38 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 34Page - Bosch Sensortec GmbH BME280 Datasheet HTML 35Page - Bosch Sensortec GmbH BME280 Datasheet HTML 36Page - Bosch Sensortec GmbH BME280 Datasheet HTML 37Page - Bosch Sensortec GmbH BME280 Datasheet HTML 38Page - Bosch Sensortec GmbH BME280 Datasheet HTML 39Page - Bosch Sensortec GmbH BME280 Datasheet HTML 40Page - Bosch Sensortec GmbH BME280 Datasheet HTML 41Page - Bosch Sensortec GmbH BME280 Datasheet HTML 42Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
Bosch Sensortec | BME280 Data sheet
38 | 55
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS002-15
Revision_1.6_092018
7. Pin-out and connection diagram
7.1 Pin-out
TOP VIEW
(pads not visible)
8
VDD
7
GND
6
VDDIO
5
SDO
BOTTOM VIEW
(pads visible)
1
GND
2
CSB
3
SDI
4
SCK
Pin 1
marker
1
GND
2
CSB
3
SDI
4
SCK
8
VDD
7
GND
6
VDDIO
5
SDO
Vent hole
Figure 16: Pin-out top and bottom view
Note: The pin numbering of BME280 is performed in the untypical clockwise direction when seen in top
view and counter-clockwise when seen in bottom view.
Table 35: Pin description
Pin
Name
I/O Type
Description
Connect to
SPI 4W
SPI 3W
I²C
1
GND
Supply
Ground
GND
2
CSB
In
Chip select
CSB
CSB
VDDIO
3
SDI
In/Out
Serial data input
SDI
SDI/SDO
SDA
4
SCK
In
Serial clock input
SCK
SCK
SCL
5
SDO
In/Out
Serial data output
SDO
DNC
GND for
default
address
6
VDDIO
Supply
Digital / Interface
supply
VDDIO
7
GND
Supply
Ground
GND
8
VDD
Supply
Analog supply
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com