Electronic Components Datasheet Search
  English  ▼

X  

IT8712F Datasheet(PDF) 28 Page - ITE Tech.Inc.

Part # IT8712F
Description  Environment Control ??Low Pin Count Input / Output (EC - LPC I/O)
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITE [ITE Tech.Inc.]
Direct Link  http://www.ite.com.tw/EN/index.aspx
Logo ITE - ITE Tech.Inc.

IT8712F Datasheet(HTML) 28 Page - ITE Tech.Inc.

Back Button IT8712F Datasheet HTML 24Page - ITE Tech.Inc. IT8712F Datasheet HTML 25Page - ITE Tech.Inc. IT8712F Datasheet HTML 26Page - ITE Tech.Inc. IT8712F Datasheet HTML 27Page - ITE Tech.Inc. IT8712F Datasheet HTML 28Page - ITE Tech.Inc. IT8712F Datasheet HTML 29Page - ITE Tech.Inc. IT8712F Datasheet HTML 30Page - ITE Tech.Inc. IT8712F Datasheet HTML 31Page - ITE Tech.Inc. IT8712F Datasheet HTML 32Page - ITE Tech.Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 189 page
background image
www.ite.com.tw
IT8712F V0.81
10
IT8712F
Table 5-3. Pin Description of MIDI Interface Signals
Pin(s) No.
Symbol
Attribute
Power
Description
28
MIDI_OUT/
GP17
DO8/
DIOD8
VCC
MIDI Output / General Purpose I/O 17.
• The first function of this pin is MIDI Output.
• The second function of this pin is the General
Purpose I/O Port 1 Bit 7.
• The function configuration of this pin is determined by
programming the software configuration registers.
29
MIDI_IN/
GP16
DI/
DIOD8
VCC
MIDI Input / General Purpose I/O 16.
• The first function of this pin is MIDI Input.
• The second function of this pin is the General
Purpose I/O Port 1 Bit 6.
• The function configuration of this pin is determined by
programming the software configuration registers.
Table 5-4. Pin Description of Game Port Signals
Pin(s) No.
Symbol
Attribute
Power
Description
27
JSACX/
GP20
DIOD8/
DIOD8
VCC
Joystick A Coordinate X / General Purpose I/O 20.
• The first function of this pin is Joystick A Coordinate
X.
• The second function of this pin is the General
Purpose I/O Port 2 Bit 0.
• The function configuration of this pin is determined by
programming the software configuration registers.
26
JSACY/
GP21
DIOD8/
DIOD8
VCC
Joystick A Coordinate Y / General Purpose I/O 21.
• The first function of this pin is Joystick A Coordinate
Y.
• The second function of this pin is the General
Purpose I/O Port 2 Bit 1.
• The function configuration of this pin is determined by
programming the software configuration registers.
25
JSAB1/
GP22
DI/
DIOD8
VCC
Joystick A Button 1 / General Purpose I/O 22.
• The first function of this pin is Joystick A Button 1.
• The second function of this pin is the General
Purpose I/O Port 2 Bit 2.
• The function configuration of this pin is determined by
programming the software configuration registers.
24
JSAB2/
GP23
DI/
DIOD8
VCC
Joystick A Button 2 / General Purpose I/O 23.
• The first function of this pin is Joystick A Button 2.
• The second function of this pin is the General
Purpose I/O Port 2 Bit 3.
• The function configuration of this pin is determined by
programming the software configuration registers.
23
FAN_TAC5/
JSBCX/
GP24
DI/
DIOD8/
DIOD8
VCC
Joystick B Coordinate X / General Purpose I/O 24.
• The first function of this pin is Fan Tachometer Input
5. 0 to +5V amplitude fan tachometer input.
• The second function of this pin is Joystick B
Coordinate X.
• The third function of this pin is the General Purpose
I/O Port 2 Bit 4.
• The function configuration of this pin is determined by
programming the software configuration registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com