Electronic Components Datasheet Search
  English  ▼

X  

IT8712F Datasheet(PDF) 32 Page - ITE Tech.Inc.

Part # IT8712F
Description  Environment Control ??Low Pin Count Input / Output (EC - LPC I/O)
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITE [ITE Tech.Inc.]
Direct Link  http://www.ite.com.tw/EN/index.aspx
Logo ITE - ITE Tech.Inc.

IT8712F Datasheet(HTML) 32 Page - ITE Tech.Inc.

Back Button IT8712F Datasheet HTML 28Page - ITE Tech.Inc. IT8712F Datasheet HTML 29Page - ITE Tech.Inc. IT8712F Datasheet HTML 30Page - ITE Tech.Inc. IT8712F Datasheet HTML 31Page - ITE Tech.Inc. IT8712F Datasheet HTML 32Page - ITE Tech.Inc. IT8712F Datasheet HTML 33Page - ITE Tech.Inc. IT8712F Datasheet HTML 34Page - ITE Tech.Inc. IT8712F Datasheet HTML 35Page - ITE Tech.Inc. IT8712F Datasheet HTML 36Page - ITE Tech.Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 189 page
background image
www.ite.com.tw
IT8712F V0.81
14
IT8712F
Table 5-7. Pin Description of Infrared Port Signals
Pin(s) No.
Symbol
Attribute
Power
Description
30
RESETCON#/
CIRTX/
GP15
DI/
DOD8/
DIOD8
VCC
Reset Connect # / Consumer Infrared Transmit Output /
General Purpose I/O 15.
• The first function of this pin is Reset Connect #. It
connects to reset button, and also other reset source
on the motherboard.
• The second function of this pin is Consumer Infrared
Transmit Output.
• The Third function of this pin is the General Purpose
I/O Port 1 Bit 5.
• The function configuration of this pin is determined by
programming the software configuration registers.
85
RSMRST#/
CIRRX/
GP55
DOD8/
DI/
DIOD8
VCCH
Resume Reset # / Consumer Infrared Receive Input /
General Purpose I/O 55.
• The first function of this pin is Resume Reset #. It is
power good signal of VCCH. The high threshold is 4V
± 0.2V, and the low threshold is 3.5V ± 0.2V
• The second function of this pin is Consumer Infrared
Receive Input.
• The Third function of this pin is the General Purpose
I/O Port 5 Bit 5.
• The function configuration of this pin is determined by
programming the software configuration registers.
70
IRRX/
GP46
DI/
DIOD8
VCCH
Infrared Receive Input / General Purpose I/O 46.
• The first function of this pin is Infrared Receive Input.
• The second function of this pin is the General
Purpose I/O Port 4 Bit 6.
• The function configuration of this pin is determined by
programming the software configuration registers.
66
IRTX/
GP47
DO8/
DIOD8
VCC
Infrared Transmit Output / General Purpose I/O 47.
• The first function of this pin is Infrared Transmit
output.
• The second function of this pin is the General
Purpose I/O Port 4 Bit 7.
• The function configuration of this pin is determined by
programming the software configuration registers.
Table 5-8. Pin Description of Serial Port 1 Signals
Pin(s) No.
Symbol
Attribute
Power
Description
125
SIN1
DI
VCC
Serial Data Input 1.
This input receives serial data from the communications link.
124
SOUT1/
JP3
DO8/
DI
VCC
Serial Data Output 1.
This output sends serial data to the communications link.
This signal is set to a marking state (logic 1) after a Master
Reset operation or when the device is in one of the Infrared
communications modes.
During LRESET#, this pin is input for JP3 power-on strapping
option
123
DSR1#
DI
VCC
Data Set Ready 1 #.
When the signal is low, it indicates that the MODEM or data
set is ready to establish a communications link. The DSR#
signal is a MODEM status input whose condition can be
tested by reading the MSR register.
122
RTS1#/
JP2
DO8/
DI
VCC
Request to Send 1 #.
When this signal is low, this output indicates to the MODEM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com