Electronic Components Datasheet Search
  English  ▼

X  

IT8712F Datasheet(PDF) 80 Page - ITE Tech.Inc.

Part # IT8712F
Description  Environment Control ??Low Pin Count Input / Output (EC - LPC I/O)
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITE [ITE Tech.Inc.]
Direct Link  http://www.ite.com.tw/EN/index.aspx
Logo ITE - ITE Tech.Inc.

IT8712F Datasheet(HTML) 80 Page - ITE Tech.Inc.

Back Button IT8712F Datasheet HTML 76Page - ITE Tech.Inc. IT8712F Datasheet HTML 77Page - ITE Tech.Inc. IT8712F Datasheet HTML 78Page - ITE Tech.Inc. IT8712F Datasheet HTML 79Page - ITE Tech.Inc. IT8712F Datasheet HTML 80Page - ITE Tech.Inc. IT8712F Datasheet HTML 81Page - ITE Tech.Inc. IT8712F Datasheet HTML 82Page - ITE Tech.Inc. IT8712F Datasheet HTML 83Page - ITE Tech.Inc. IT8712F Datasheet HTML 84Page - ITE Tech.Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 189 page
background image
www.ite.com.tw
IT8712F V0.81
62
IT8712F
8.13
Game Port Configuration Registers (LDN=09h)
8.13.1
Game Port Activate (Index=30h, Default=00h)
Bit
Description
7-1
Reserved
0
Game Port Enable
1: Enabled. (If enable, the multi function pin20, 21,22,23 will change to Game port function.)
0: Disabled.
8.13.2
Game Port Base Address MSB Register (Index=60h, Default=02h)
Bit
Description
7-4
Read only with “0h” for Base Address[15:12].
3-0
Read/write, mapped as Base Address[11:8].
8.13.3
Game Port Base Address LSB Register (Index=61h, Default=01h)
Bit
Description
7-0
Read/write, mapped as Base Address[7:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com