Electronic Components Datasheet Search
  English  ▼

X  

IT8712F Datasheet(PDF) 12 Page - ITE Tech.Inc.

Part # IT8712F
Description  Environment Control ??Low Pin Count Input / Output (EC - LPC I/O)
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITE [ITE Tech.Inc.]
Direct Link  http://www.ite.com.tw/EN/index.aspx
Logo ITE - ITE Tech.Inc.

IT8712F Datasheet(HTML) 12 Page - ITE Tech.Inc.

Back Button IT8712F Datasheet HTML 8Page - ITE Tech.Inc. IT8712F Datasheet HTML 9Page - ITE Tech.Inc. IT8712F Datasheet HTML 10Page - ITE Tech.Inc. IT8712F Datasheet HTML 11Page - ITE Tech.Inc. IT8712F Datasheet HTML 12Page - ITE Tech.Inc. IT8712F Datasheet HTML 13Page - ITE Tech.Inc. IT8712F Datasheet HTML 14Page - ITE Tech.Inc. IT8712F Datasheet HTML 15Page - ITE Tech.Inc. IT8712F Datasheet HTML 16Page - ITE Tech.Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 189 page
background image
www.ite.com.tw
IT8712F V0.81
vi
IT8712F
9.6.5
Digital Data Separator ..........................................................................................................92
9.6.6
Write Precompensation ........................................................................................................ 92
9.6.7
Data Rate Selection.............................................................................................................. 92
9.6.8
Status, Data and Control Registers ...................................................................................... 93
9.6.8.1
Digital Output Register (DOR, FDC Base Address + 02h) ...................................... 93
9.6.8.2
Tape Drive Register (TDR, FDC Base Address + 03h) ........................................... 93
9.6.8.3
Main Status Register (MSR, FDC Base Address + 04h) ......................................... 93
9.6.8.4
Data Rate Select Register (DSR, FDC Base Address + 04h) ................................. 95
9.6.8.5
Data Register (FIFO, FDC Base Address + 05h) .................................................... 96
9.6.8.6
Digital Input Register (DIR, FDC Base Address + 07h) ........................................... 96
9.6.8.7
Diskette Control Register (DCR, FDC Base Address + 07h)................................... 96
9.6.9
Controller Phases ................................................................................................................. 97
9.6.9.1
Command Phase ..................................................................................................... 97
9.6.9.2
Execution Phase ...................................................................................................... 97
9.6.9.3
Result Phase............................................................................................................ 97
9.6.9.4
Result Phase Status Registers ................................................................................ 97
9.6.10 Command Set .................................................................................................................... 100
9.6.11 Data Transfer Commands .................................................................................................. 110
9.6.11.1 Read Data.............................................................................................................. 110
9.6.11.2 Read Deleted Data ................................................................................................ 111
9.6.11.3 Read a Track ......................................................................................................... 111
9.6.11.4 Write Data.............................................................................................................. 111
9.6.11.5 Write Deleted Data ................................................................................................ 111
9.6.11.6 Format A Track ...................................................................................................... 111
9.6.11.7 SCAN ..................................................................................................................... 112
9.6.11.8 VERIFY .................................................................................................................. 113
9.6.12 Control Commands ............................................................................................................ 113
9.6.12.1 READ ID ................................................................................................................ 114
9.6.12.2 Configure ............................................................................................................... 114
9.6.12.3 RE-CALIBRATE..................................................................................................... 114
9.6.12.4 SEEK ..................................................................................................................... 115
9.6.12.5 RELATIVE SEEK ................................................................................................... 115
9.6.12.6 DUMPREG............................................................................................................. 115
9.6.12.7 LOCK ..................................................................................................................... 115
9.6.12.8 VERSION............................................................................................................... 115
9.6.12.9 SENSE INTERRUPT STATUS.............................................................................. 116
9.6.12.10 SENSE DRIVE STATUS ....................................................................................... 116
9.6.12.11 SPECIFY................................................................................................................ 116
9.6.12.12 PERPENDICULAR MODE..................................................................................... 117
9.6.12.13 INVALID ................................................................................................................. 118
9.6.13 DMA Transfers ................................................................................................................... 118
9.6.14 Low Power Mode ................................................................................................................ 118
9.7
Serial Port (UART) Description ....................................................................................................... 119
9.7.1
Data Registers.................................................................................................................... 119
9.7.2
Control Registers: IER, IIR, FCR, DLL, DLM, LCR and MCR ............................................ 119
9.7.3
Status Registers: LSR and MSR ........................................................................................ 125
9.7.4
Reset .................................................................................................................................. 127
9.7.5
Programming ...................................................................................................................... 127
9.7.6
Software Reset ................................................................................................................... 127
9.7.7
Clock Input Operation......................................................................................................... 127
9.7.8
FIFO Interrupt Mode Operation .......................................................................................... 128
9.8
Smart Card Reader ......................................................................................................................... 129
9.8.1
Features ............................................................................................................................. 129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com