Electronic Components Datasheet Search
  English  ▼

X  

IT8712F Datasheet(PDF) 34 Page - ITE Tech.Inc.

Part # IT8712F
Description  Environment Control ??Low Pin Count Input / Output (EC - LPC I/O)
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITE [ITE Tech.Inc.]
Direct Link  http://www.ite.com.tw/EN/index.aspx
Logo ITE - ITE Tech.Inc.

IT8712F Datasheet(HTML) 34 Page - ITE Tech.Inc.

Back Button IT8712F Datasheet HTML 30Page - ITE Tech.Inc. IT8712F Datasheet HTML 31Page - ITE Tech.Inc. IT8712F Datasheet HTML 32Page - ITE Tech.Inc. IT8712F Datasheet HTML 33Page - ITE Tech.Inc. IT8712F Datasheet HTML 34Page - ITE Tech.Inc. IT8712F Datasheet HTML 35Page - ITE Tech.Inc. IT8712F Datasheet HTML 36Page - ITE Tech.Inc. IT8712F Datasheet HTML 37Page - ITE Tech.Inc. IT8712F Datasheet HTML 38Page - ITE Tech.Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 189 page
background image
www.ite.com.tw
IT8712F V0.81
16
IT8712F
Pin(s) No.
Symbol
Attribute
Power
Description
option
128
CTS2#
DI
VCC
Clear to Send 2 #.
When low, indicates that the MODEM or data set is ready to
accept data. The CTS# signal is a MODEM status input
whose condition can be tested by reading the MSR register.
127
RI2#
DI
VCC
Ring Indicator 2 #.
When low, indicates that a telephone ring signal has been
received by the MODEM. The RI# signal is a MODEM status
input whose condition can be tested by reading the MSR
register.
126
DCD2#
DI
VCC
Data Carrier Detect 2 #.
When low, indicates that the MODEM or data set has
detected a carrier. The DCD# signal is a MODEM status input
whose condition can be tested by reading the MSR register.
Table 5-10. Pin Description of Parallel Port Signals
Pin(s) No.
Symbol
Attribute
Power
Description
100
SLCT
DI
VCC
Printer Select.
This signal goes high when the line printer has been
selected.
101
PE
DI
VCC
Printer Paper End.
This signal is set high by the printer when it runs out of paper.
102
BUSY
DI
VCC
Printer Busy.
This signal goes high when the line printer has a local
operation in progress and cannot accept data.
103
ACK#
DI
VCC
Printer Acknowledge #.
This signal goes low to indicate that the printer has already
received a character and is ready to accept another one.
104
SLIN#
DIO24
VCC
Printer Select Input #.
When the signal is low, the printer is selected. This signal is
derived from the complement of bit 3 of the printer control
register.
105
INIT#
DIO24
VCC
Printer Initialize #.
When the signal is low, the printer is selected. This signal is
derived from the complement of bit 3 of the printer control
register.
106
ERR#
DI
VCC
Printer Error #.
When the signal is low, it indicates that the printer has
encountered an error. The error message can be read from
bit 3 of the printer status register.
107
AFD#
DIO24
VCC
Printer Auto Line Feed #.
When the signal is low, it is derived from the complement of
bit 1 of the printer control register and is used to advance one
line after each line is printed.
108
STB#
DI
VCC
Printer Strobe #.
When the signal is low, it is the complement of bit 0 of the
printer control register and is used to strobe the printing data
into the printer.
109 – 116
PD[0:7]
DIO24
VCC
Parallel Port Data [0:7].
This bus provides a byte-wide input or output to the system.
The eight lines are held in a high impedance state when the
port is deselected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com