Electronic Components Datasheet Search
  English  ▼

X  

IT8712F Datasheet(PDF) 11 Page - ITE Tech.Inc.

Part # IT8712F
Description  Environment Control ??Low Pin Count Input / Output (EC - LPC I/O)
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITE [ITE Tech.Inc.]
Direct Link  http://www.ite.com.tw/EN/index.aspx
Logo ITE - ITE Tech.Inc.

IT8712F Datasheet(HTML) 11 Page - ITE Tech.Inc.

Back Button IT8712F Datasheet HTML 7Page - ITE Tech.Inc. IT8712F Datasheet HTML 8Page - ITE Tech.Inc. IT8712F Datasheet HTML 9Page - ITE Tech.Inc. IT8712F Datasheet HTML 10Page - ITE Tech.Inc. IT8712F Datasheet HTML 11Page - ITE Tech.Inc. IT8712F Datasheet HTML 12Page - ITE Tech.Inc. IT8712F Datasheet HTML 13Page - ITE Tech.Inc. IT8712F Datasheet HTML 14Page - ITE Tech.Inc. IT8712F Datasheet HTML 15Page - ITE Tech.Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 189 page
background image
www.ite.com.tw
IT8712F V0.81
v
v
Contents
9.5.2.2.35
Thermal Diode Zero Degree
Adjust 3 Register (Index=59h,
Default=56h)
..................................................................................................... 83
9.5.2.2.36
Code ID Register (Index=5Bh, Default=12h) ................................... 83
9.5.2.2.37
Beep Event Enable Register (Index=5Ch, Default=00h).................. 83
9.5.2.2.38
Beep Frequency Divisor of Fan Event Register (Index=5Dh,
Default=00h)
..................................................................................................... 83
9.5.2.2.39
Beep Frequency Divisor of Voltage Event Register (Index=5Eh,
Default=00h)
..................................................................................................... 83
9.5.2.2.40
Beep Frequency Divisor of Temperature Event Register (Index=5Fh,
Default=00h)
..................................................................................................... 83
9.5.2.2.41
FAN_CTL3-1 SmartGuardian Automatic Mode Temperature Limit of
OFF Registers (Index=70h, 68h, 60h, Default=7Fh) ............................................. 83
9.5.2.2.42
FAN_CTL3-1 SmartGuardian Automatic Mode Temperature Limit of
Fan Start Registers (Index=71h, 69h, 61h, Default=7Fh) ...................................... 84
9.5.2.2.43
FAN_CTL3-1 SmartGuardian Automatic Mode Temperature Limit of
Full Speed Registers (Index=72h, 6Ah, 62h, Default=7Fh) ................................... 84
9.5.2.2.44
FAN_CTL3-1 SmartGuardian Automatic Mode Start PWM Registers
(Index=73h, 6Bh, 63h, Default=00h)...................................................................... 84
9.5.2.2.45
FAN_CTL3-1 SmartGuardian Automatic Mode Control Registers
(Index=74h, 6Ch, 64h, Default=00h)...................................................................... 84
9.5.2.2.46
FAN_CTL3-1 SmartGuardian Automatic Mode Temperature Limit of
Full-Speed-OFF Registers (Index=75h, 6Dh, 65h, Default=7Fh) .......................... 85
9.5.2.2.47
Fan Tachometer 4-5 Reading LSB Registers (Index=80h,82h)....... 85
9.5.2.2.48
Fan Tachometer 4-5 Reading MSB Registers (Index=81h,83h)...... 85
9.5.2.2.49
Fan Tachometer 4-5 Limit LSB Registers (Index=84h,86h)............. 85
9.5.2.2.50
Fan Tachometer 4-5 Limit MSB Registers (Index=85h,87h)............ 85
9.5.2.2.51
FAN_CTL4 PWM Control Register (Index=88h, Default=00h) ........ 85
9.5.2.2.52
FAN_CTL5 PWM Control Register (Index=89h, Default=00h) ........ 85
9.5.2.2.53
FAN_CTL5-4 SmartGuardian Automatic Mode Temperature Limit of
OFF Registers (Index=98h, 90h, Default=7Fh) ..................................................... 86
9.5.2.2.54
FAN_CTL5-4 SmartGuardian Automatic Mode Temperature Limit of
Fan Start Registers (Index=99h, 91h, Default=7Fh) .............................................. 86
9.5.2.2.55
FAN_CTL5-4 SmartGuardian Automatic Mode Temperature Limit of
Full Speed Registers (Index=9Ah, 92h, Default=7Fh) ........................................... 86
9.5.2.2.56
FAN_CTL5-4 SmartGuardian Automatic Mode Start PWM Registers
(Index=9Bh, 93h, Default=00h).............................................................................. 86
9.5.2.2.57
FAN_CTL5-4 SmartGuardian Automatic Mode Control Registers
(Index=9Ch, 94h, Default=00h).............................................................................. 86
9.5.2.2.58
FAN_CTL5-4 SmartGuardian Automatic Mode Temperature Limit of
Full-Speed-OFF Registers (Index=9Dh, 95h, Default=7Fh) .................................. 87
9.5.3
Operation.............................................................................................................................. 87
9.5.3.1
Power On RESET and Software RESET................................................................. 87
9.5.3.2
Starting Conversion ................................................................................................. 87
9.5.3.3
Voltage and Temperature Inputs ............................................................................. 88
9.5.3.4
Layout and Grounding ............................................................................................. 89
9.5.3.5
Fan Tachometer ...................................................................................................... 89
9.5.3.6
Interrupt of the EC ................................................................................................... 89
9.5.3.7
FAN Controller FAN_CTL’s ON-OFF and SmartGuardian Modes .......................... 91
9.6
Floppy Disk Controller (FDC) ............................................................................................................ 92
9.6.1
Introduction........................................................................................................................... 92
9.6.2
Reset .................................................................................................................................... 92
9.6.3
Hardware Reset (LRESET# Pin) .......................................................................................... 92
9.6.4
Software Reset (DOR Reset and DSR Reset) ..................................................................... 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com