Electronic Components Datasheet Search
  English  ▼

X  

IT8712F Datasheet(PDF) 49 Page - ITE Tech.Inc.

Part # IT8712F
Description  Environment Control ??Low Pin Count Input / Output (EC - LPC I/O)
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITE [ITE Tech.Inc.]
Direct Link  http://www.ite.com.tw/EN/index.aspx
Logo ITE - ITE Tech.Inc.

IT8712F Datasheet(HTML) 49 Page - ITE Tech.Inc.

Back Button IT8712F Datasheet HTML 45Page - ITE Tech.Inc. IT8712F Datasheet HTML 46Page - ITE Tech.Inc. IT8712F Datasheet HTML 47Page - ITE Tech.Inc. IT8712F Datasheet HTML 48Page - ITE Tech.Inc. IT8712F Datasheet HTML 49Page - ITE Tech.Inc. IT8712F Datasheet HTML 50Page - ITE Tech.Inc. IT8712F Datasheet HTML 51Page - ITE Tech.Inc. IT8712F Datasheet HTML 52Page - ITE Tech.Inc. IT8712F Datasheet HTML 53Page - ITE Tech.Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 189 page
background image
www.ite.com.tw
IT8712F V0.81
31
Configuration
Table 8-10. GPIO Configuration Registers
LDN
Index
R/W
Reset
Configuration Register or Action
07h
D0h
R/W
00h
Panel Button De-bounce Control Register
07h
D1h
R/W
00h
Panel Button De-bounce Set 1 Enable Register
07h
D2h
R/W
00h
Panel Button De-bounce Set 2 Enable Register
07h
D3h
R/W
00h
Panel Button De-bounce Set 3 Enable Register
07h
D4h
R/W
00h
Panel Button De-bounce Set 4 Enable Register
07h
D5h
R/W
00h
Panel Button De-bounce Set 5 Enable Register
07h
E3h
R/W
00h
IRQ3 External Routing Input Pin Mapping Register
07h
E4h
R/W
00h
IRQ4 External Routing Input Pin Mapping Register
07h
E5h
R/W
00h
IRQ5 External Routing Input Pin Mapping Register
07h
E6h
R/W
00h
IRQ6 External Routing Input Pin Mapping Register
07h
E7h
R/W
00h
IRQ7 External Routing Input Pin Mapping Register
07h
E9h
R/W
00h
IRQ9 External Routing Input Pin Mapping Register
07h
EAh
R/W
00h
IRQ10 External Routing Input Pin Mapping Register
07h
EBh
R/W
00h
IRQ11 External Routing Input Pin Mapping Register
07h
ECh
R/W
00h
IRQ12 External Routing Input Pin Mapping Register
07h
EEh
R/W
00h
IRQ14 External Routing Input Pin Mapping Register
07h
EFh
R/W
00h
IRQ15 External Routing Input Pin Mapping Register
07h
F0h
R/W
00h
SMI# Control Register 1
07h
F1h
R/W
00h
SMI# Control Register 2
07h
F2h
R/W
00h
SMI# Status Register 1
07h
F3h
R/W
00h
SMI# Status Register 2
07h
F4h
R/W
00h
SMI# Pin Mapping Register
07h
F5h
R/W
00h
Hardware Monitor Thermal Output Pin Mapping Register
07h
F6h
R/W
00h
Hardware Monitor Alert Beep Pin Mapping Register
07h
F7h
R/W
00h
Keyboard Lock Pin Mapping Register
07h
F8h
R/W
00h
GP LED Blinking 1 Pin Mapping Register
07h
F9h
R/W
00h
GP LED Blinking 1 Control Register
07h
FAh
R/W
00h
GP LED Blinking 2 Pin Mapping Register
07h
FBh
R/W
00h
GP LED Blinking 2 Control Register
07h
FCh
R/W-R
--h
VID Input Register
07h
FDh
R/W
00h
VID Output Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com