Electronic Components Datasheet Search
  English  ▼

X  

AT2004 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AT2004
Description  4 Channels ADPCM Processor with Echo Cancellation and Conferencing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT2004 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AT2004 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
AT2004
4 Channels ADPCM Processor with Echo Cancellation and Conferencing
Page 14 of 25
©2001 Atelic System, Inc
Reference Designs and Additional Notes
Sample Usage of Echo Canceling
hybrid
Far end talker
-9 ~ -35dBm
ERL (-6 ~ -11dB)
RxF
ADC
TxF
DAC
X
-12 ~ -38dBm
Echo
-12 ~ -17dBm
yx
y
+
+
rh
u
u
y
Near end talker
Combo
AT2004
Note:
EC: echo cancellation
ERL: echo return loss
ADC: analog to digital conversion
DAC: digital to analog conversion
EC
Echo Cancellation Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com