Electronic Components Datasheet Search
  English  ▼

X  

AT2004 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AT2004
Description  4 Channels ADPCM Processor with Echo Cancellation and Conferencing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT2004 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AT2004 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
AT2004
4 Channels ADPCM Processor with Echo Cancellation and Conferencing
Page 1 of 25
©2001 Atelic System, Inc
Atelic Systems, Inc.
AT2004 Application Note Preliminary
4 Channels ADPCM Processor with Echo Cancellation and Conferencing
Version 1.0 January 29, 2001
Description
The AT2004 is a four full-duplex channels, ADPCM processor with conferencing and echo cancellation capabilities. It
follows the G.726 ITU Standard for ADPCM compression for 40k, 32k, 24k and 16k bitrates with selectable
µ-law and A-
law input/output. It conforms to ITU G.165/G.168 Digital Adaptive Echo Canceller specification for line echo delay up to
20ms. Using the command serial interface, each individual half-channel can be independently configured for ADPCM,
conferencing and echo canceling features.
Features
• 4 full channels of ITU G.726 ADPCM
• 4 full channels of ITU G.165/G.168 compliant echo cancellation with up to 20ms echo delay
• Fast and robust convergence for adaptive echo canceller, even in the presence of background noise
• Nonlinear processing with adaptive suppression threshold and comfort noise generation for echo canceller
• Per channel selectable µ-Law and A-law input/output
• On-chip time slot assignment
• Available internal clock generator and frame sync. generator
• Simple 3-wire serial command port for chip configuration
• Conferencing capabilities for up to 3 additional sound sources
Applications
• DECT
• VoIP / VoDSL
• Wireless telephone systems
• Wireless PBX systems
Default Settings
• 4 channels of µ-law PCM input on Xin in time slot 0, 1, 2, 3
• 4 channels of the corresponding ADPCM output at 32kbps on Xout in time slot 0, 1, 2, 3
• 4 channels of ADPCM input at 32kbps on Yin in time slot 0, 1, 2, 3
• 4 channels of corresponding PCM µ-law output on Yout in time slot 0, 1, 2, 3
• Echo cancellation enabled for four channels
• Conferencing disabled
Note: To change the default settings, commands could be sent through the 3-wire interface.


Similar Part No. - AT2004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT2005B ETC-AT2005B Datasheet
1Mb / 6P
OP COMPENSATION NEGATIVE INPUT
AT2008 ETC1-AT2008 Datasheet
286Kb / 19P
8 Channels ADPCM Processor
More results

Similar Description - AT2004

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7718-01 OKI-MSM7718-01 Datasheet
231Kb / 38P
Echo Canceler with ADPCM CODEC
logo
List of Unclassifed Man...
AT2008 ETC1-AT2008 Datasheet
286Kb / 19P
8 Channels ADPCM Processor
TP5299 ETC1-TP5299 Datasheet
74Kb / 11P
ECHO PROCESSOR IC
logo
OKI electronic componet...
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
Echo Canceler with ADPCM Transcoder
logo
Dallas Semiconductor
DS2167 DALLAS-DS2167 Datasheet
88Kb / 15P
ADPCM Processor
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
2-Channel Echo Canceler with Multifunction ADPCM Transcoder
logo
LAPIS Semiconductor Co....
ML7202-001 LAPIS-ML7202-001 Datasheet
635Kb / 65P
2-Channel Echo Canceler with Multifunction ADPCM Transcoder
logo
Cirrus Logic
WM8281 CIRRUS-WM8281 Datasheet
7Mb / 392P
Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
logo
Maxim Integrated Produc...
DS2167 MAXIM-DS2167 Datasheet
115Kb / 15P
ADPCM Processor
022698
logo
List of Unclassifed Man...
CD2399GP ETC2-CD2399GP Datasheet
482Kb / 5P
Echo Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com