Electronic Components Datasheet Search
  English  ▼

X  

AT2004 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # AT2004
Description  4 Channels ADPCM Processor with Echo Cancellation and Conferencing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT2004 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button AT2004 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 21Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
AT2004
4 Channels ADPCM Processor with Echo Cancellation and Conferencing
Page 18 of 25
©2001 Atelic System, Inc
Channel 4: (encode ADPCM channel)
Conferencing:
Conferencing Disabled.
Gain Adjustment:
No output PCM gain adjustment (0 db gain).
Echo Canceling:
Echo canceling enabled with reference sample from Channel 0.
Delay (8ms)
MCU7byte Command:
•
Encode (i.e. output is ADPCM sample sequence)
•
u-Law input, 32k ADPCM algorithm.
•
Input time slot: @xin[0:7]
•
Output time slot: @xout[0:3]
Channel 5: (encode ADPCM channel)
Conferencing:
Conferencing Disabled.
Gain Adjustment:
No output PCM gain adjustment (0 db gain).
Echo Canceling:
Echo canceling enabled with reference sample from Channel 1.
Delay (8ms)
MCU7byte Command:
•
Encode (i.e. output is ADPCM sample sequence)
•
u-Law input, 32k ADPCM algorithm.
•
Input time slot: @xin[16:23]
•
Output time slot: @xout[16:19]
Channel 6: (encode ADPCM channel)
Conferencing:
Channel 0 + Channel 1 + Channel 5.
Gain Adjustment:
No output PCM gain adjustment (0 db gain).
Echo Canceling:
Echo canceling enabled with reference sample from Channel 2.
Delay (8ms)
MCU7byte Command:
•
Encode (i.e. output is ADPCM sample sequence)
•
u-Law input, 32k ADPCM algorithm.
•
Input time slot: @xin[32:39]
•
Output time slot: @xout[32:35]
Channel 7: (encode ADPCM channel)
Conferencing:
Channel 4 + Channel 5 + Channel 0.
Gain Adjustment:
No output PCM gain adjustment (0 db gain).
Echo Canceling:
Echo canceling enabled with reference sample from Channel 3.
Delay (8ms)
MCU7byte Command:
•
Encode (i.e. output is ADPCM sample sequence)
•
u-Law input, 32k ADPCM algorithm.
•
Input time slot: @xin[48:55]
•
Output time slot: @xout[48:51]
The following is command sequences of conferencing, per channel control and mcu7byte:
Command bytes sequence specifying conferencing.
20
// Begin conferencing command. This byte is fixed.
00
// This byte is fixed (usually begin specifying at channel 0).
00
// 0 channel high byte. Conferencing is disabled.
00
// 0 channel low byte
00
// 1 channel high byte
00
// 1 channel low byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com