Electronic Components Datasheet Search
  English  ▼

X  

AT2004 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # AT2004
Description  4 Channels ADPCM Processor with Echo Cancellation and Conferencing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT2004 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button AT2004 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 21Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 22Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 23Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 24Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
AT2004
4 Channels ADPCM Processor with Echo Cancellation and Conferencing
Page 22 of 25
©2001 Atelic System, Inc
Master Clock/Reset
(0
°C to 70°C)
AC Electrical Characteristics
(VDD=3.3V+20%-10%)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
MCLK
Period
tPM
69.84
100
125
ns
1
MCLK
Rise/Fall
Times
tRM, tFM
10
ns
RSTZ
Pulse
Width
tRST
1
ms
Note:
1. MCLK = 14MHz or 10MHz.
Serial Port
(0
°C to 70°C)
AC Electrical Characteristics
(VDD=3.3V+20%-10%)
Parameter
Symbol
Minimum
Typical
Maximum Units
Notes
SDI to SCLK Set Up
tDC
55
ns
1
SCLK Period
tP
1
µs
1
SCLK to SDI Hold
tCDH
55
ns
1
SCLK Low Time
tCL
250
500
ns
1
SCLK High Time
tCH
250
500
ns
1
SCLK Rise and Fall Time
tR, tF
100
ns
1
SCSZ to SCLK Setup
tCC
50
ns
1
SCLK to SCSZ Hold
tCCH
250
ns
1
SCSZ Inactive Time
tCWH
250
ns
1
SCLK Setup to SCSZ
Falling
tSCC
50
ns
1
Note:
1. Measured at VIH = 2.0V, VIL = 0.8V, and 10ns maximum rise and fall time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com