Electronic Components Datasheet Search
  English  ▼

X  

AT2004 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AT2004
Description  4 Channels ADPCM Processor with Echo Cancellation and Conferencing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT2004 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AT2004 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
AT2004
4 Channels ADPCM Processor with Echo Cancellation and Conferencing
Page 17 of 25
©2001 Atelic System, Inc
Sample Command Sequences:
ADPCM, conferencing, echo canceling, 32k,
µ
µ-Law, 8-half channels:
For convenience, each half duplex channel is assigned a number corresponding to the internal processing order of the channels. Channels
0 through Channel 3 correspond with ADPCM decode channels and Channels 4 through Channel 7 corresponds with ADPCM encode
channels.
The following is brief description of what each half duplex channel is running:
Channel 0: (decode ADPCM channel)
Conferencing:
Conferencing Disabled.
Gain Adjustment:
No output PCM gain adjustment (0 db gain).
Echo Canceling:
Channel 0 is a decode channel, thus output value is saved as a reference sample.
Delay (0)
MCU7byte Command:
•
Decode (i.e. input is ADPCM sample sequence)
•
u-Law output, 32k ADPCM algorithm.
•
Input time slot: @yin[0:3] (beginning bit=0, ending bit=3)
•
Output time slot: @yout[0:7] (beginning bit=0, ending bit=7)
Channel 1: (decode ADPCM channel)
Conferencing:
Conferencing Disabled.
Gain Adjustment:
No output PCM gain adjustment (0 db gain).
Echo Canceling:
Channel 1 is a decode channel, thus output value is saved as a reference sample.
Delay (0)
MCU7byte Command:
•
Decode
•
u-Law output, 32k ADPCM algorithm.
•
Input time slot: @yin[16:19]
•
Output time slot: @yout[16:23]
Channel 2: (decode ADPCM channel)
Conferencing:
Channel 0 + Channel 1 + Channel 4. (Note that conferencing always includes its own channel, in this
case ch 2).
Gain Adjustment:
No output PCM gain adjustment (0 db gain).
Echo Canceling:
Channel 2 is a decode channel, thus output value is saved as a reference sample.
Delay (0)
MCU7byte Command:
•
Decode
•
u-Law output, 32k ADPCM algorithm.
•
Input time slot: @yin[32:35]
•
Output time slot: @yout[32:39]
Channel 3: (decode ADPCM channel)
Conferencing:
Channel 4 + Channel 5 + Channel 6
Gain Adjustment:
No output PCM gain adjustment (0 db gain).
Echo Canceling:
Channel 3 is a decode channel, thus output value is saved as a reference sample.
Delay (0)
MCU7byte Command:
•
Decode
•
u-Law output, 32k ADPCM algorithm.
•
Input time slot: @yin[48:51]
•
Output time slot: @yout[48:55]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com