Electronic Components Datasheet Search
  English  ▼

X  

AT2004 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AT2004
Description  4 Channels ADPCM Processor with Echo Cancellation and Conferencing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT2004 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AT2004 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AT2004
4 Channels ADPCM Processor with Echo Cancellation and Conferencing
Page 9 of 25
©2001 Atelic System, Inc
Note: The format of data fields In/Out, Conf_ind, ADPCM_ind, EC ref. Chan. #, Dec, Rate and Delay are specified below.
In/Out
Description
0
0
Input on Xin, Output o n Xout
0
1
Input on Xin, Output on Yout
1
0
Input on Yin, Output on Xout
1
1
Input on Yin, Output on Yout
Default: Input is on Xin, Output is on Xout for ADPCM encoding functions.
Input is on Yin, Output is on Yout for ADPCM decoding functions.
Conf_ind
Description
0
No resource is allocated
for conferencing operation
1
Allocate resource for
conferencing operation
Default: 0, no resource is allocated for conferencing
ADPCM_ind
Description
0
No resource is allocated
for ADPCM operation
1
Allocate resource for
ADPCM operation
Default: 1, allocate resource for ADPCM operation
“EC ref. Chan. #” specifies the channel number from which the echo canceller derives its reference signal.
Dec
Description
0
ADPCM (Input is PCM, Output is ADPCM) encode
channel
1
ADPCM (Input is ADPCM, Output is PCM) decode
channel
Command Byte [7:0]
Description
0
0
0
0
0
0
A1
A0
Chip Setup Command Header with A1, A0 chip ID
In/Out
Conf_ind
ADPCM_ind
EC ref. chan. #
Channel In/Out source, Conferencing/ADPCM indicator and EC’s
reference Channel #.
0
Dec
0
1
1
1
Rate
ADPCM, configuration command for Channel #0
Delay (ms)
Specify delay for EC, should be multiple of 2ms
Input Begin Bit
Input End Bit
Output Begin Bit
Output End Bit
These commands specify the begin and ending bits of input data and
output data for channel #0
In/Out
Conf_ind
ADPCM_ind
0
0
0
0
Channel In/Out source, Conferencing/ADPCM indicator and EC’s
reference Channel #.
0
Dec
0
1
1
1
Rate
ADPCM, configuration command for Channel #1
Delay (ms)
Specify delay for EC, should be multiple of 2ms
Input Begin Bit
Input End Bit
Output Begin Bit
Output End Bit
These commands specify the begin and ending bits of input data and
output data for channel #1
1
1
1
1
1
1
1
1
Footer of Chip Setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com