Electronic Components Datasheet Search
  English  ▼

X  

FS98O24 Datasheet(PDF) 32 Page - Fortune Semiconductor Corp.

Part # FS98O24
Description  8-bit MCU with 4k program EPROM, 256-byte RAM
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O24 Datasheet(HTML) 32 Page - Fortune Semiconductor Corp.

Back Button FS98O24 Datasheet HTML 28Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 29Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 30Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 31Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 32Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 33Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 34Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 35Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 36Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
4.5. Low Battery Comparator
Figure 4-6 low battery comparator function block
Low Battery Comparator is used for VDD low voltage detection. FS98O24 embeds a voltage divider which can
generate 1/2 VDD and the 1/3 VDD. A multiplexer is used to connect the voltage divides to component input.
The multiplexer’s output is compares with 1.2V. The Control register flags are SILB[1:0] and the EN_LB. The
Output flag is LBOUT which is for read only. Please see Figure 4-6.
Table 4-7 low battery comparator register table
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on Power on Reset
32H
NETJ
EN_LB
SILB[1:0]
00000000
33H
NETK
LBOUT
000uu000
Operation:
1.
Operate as Section 4.1 to get the VGG (two times VDD or external Power Supply).
2.
Operate as Section 4.2 to get the VDDA (3.6V)
3.
Operate as Section 4.3 to active the Analog Bias Circuit
4.
Set SILB to choose the Comparator input. Please see Table 4-8
Table 4-8 low battery comparator voltage detection selection table
SILB [1:0]
Detection Voltage
if LBOUT = 1
00
1/2 VDD
VDD > 2.3 volt
01
1/3 VDD
VDD > 3.5 volt
10
ADP2
ADP2 > 1.2 volt
5.
Set the EN_LB register flag, and the Low Battery Comparator is enabled.
6.
The output, LBOUT, is the result of the comparator.
MUX
EN_LB
1.2V
1/2 VDD
1/3 VDD
SILB[1:0]
00
01
ADP2
10
+
_
LBOUT
90KΩ
SILB=10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com