Electronic Components Datasheet Search
  English  ▼

X  

FS98O24 Datasheet(PDF) 47 Page - Fortune Semiconductor Corp.

Part # FS98O24
Description  8-bit MCU with 4k program EPROM, 256-byte RAM
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O24 Datasheet(HTML) 47 Page - Fortune Semiconductor Corp.

Back Button FS98O24 Datasheet HTML 43Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 44Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 45Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 46Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 47Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 48Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 49Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 50Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 51Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
Table 8-2 ADC function register table
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on Power on Reset
06H
INTF
ADIF
00000000
07H
INTE
GIE
ADIE
00000000
10H
ADOH
ADO [23:16]
00000000
11H
ADOM
ADO [15:8]
00000000
12H
ADOL
ADO [7:0]
00000000
13H
ADCON
ADCCLK[1:0] ADRST
ADM [2:0]
00000000
2AH
NETB
SINL [1:0]
SINH [2:0]
SFT [2:0]
00000000
2BH
NETD
SVRL
SVRH
00000000
2EH
NETG
ADG [1:0]
ADEN
AZ
00000000
The ADC (analog to digital converter) contains - modulator and digital comb filter. When ADRST=1,
comb filter will be enabled. When ADRST=0, the comb filter will be reset. ADEN=1 starts the -
modulator.
ADC Over Sample Frequency
ADCCLK[0]
ADC sample Frequency (ADCF)
1
MCK/25
0
MCK/50
The output rate is selected by ADM (N).
ADM (N)
ADC Output Rate
000
ADCF/125
001
ADCF/250
010
ADCF/500
011
ADCF/1000
100
ADCF/2000
101
ADCF/4000
110
ADCF/8000
111
ADCF/8000
AZ=0 means that the ADC differential inputs are (INH, INL); AZ= 1 means that the ADC
differential inputs are (INL, INL). We can use this mode to measure the ADC offset.
ADG [1:0] will set ADC input gain as follows, 00: 2/3, 01: 1, 10: 2, 11: 2 1/3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com