Electronic Components Datasheet Search
  English  ▼

X  

FS98O24 Datasheet(PDF) 49 Page - Fortune Semiconductor Corp.

Part # FS98O24
Description  8-bit MCU with 4k program EPROM, 256-byte RAM
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O24 Datasheet(HTML) 49 Page - Fortune Semiconductor Corp.

Back Button FS98O24 Datasheet HTML 45Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 46Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 47Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 48Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 49Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 50Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 51Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 52Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 53Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
1.
Set AZ bit, and VIH and VIL will short. Dout will be 15625 *G * (Vio) / (VRH-VRL+Vro). It’s called Doff.
2.
Save Doff in memory, and then Clear AZ bit to restart the ADC module.
3.
Pass the first 2 ADC interrupts for ignoring the unstable ADC result.
4.
When measuring analog signal, Doff should be deducted.
9.5. ADC Digital Output
The ADC digital output deducted by Doff is ADC Gain. The ADC Gain doesn’t change as VDD changes. The
suggested values for common mode voltages at ADC input and reference voltage are 1V~2V.
ADC input gain could be set by ADG[1:0] register flag. Please see Section 10.1 for detail.
9.6. ADC Resolution
ADC resolution is mainly affected by the ADC sampling counts and the ADC reference voltage. Generally
speaking, the more times ADC samples the analog input signal, the more precise the digital output is. The ADC
sampling counts could be decided by ADM[2:0] register flag. The ADC digital output rolling counts versus
ADM[2:0] and Reference voltage table are shown as follows:
(VRH, VRL) =0.4V, (VIH, VIL) =0.2V, VRL=VIL=AGND. G=1
Table 9-1 ADC rolling counts versus ADM
ADM
000
001
010
011
100
101
110
Rolling counts 10
6
4
3
3
2
1
(VRH, VRL) =VR, (VIH, VIL) =1/2 VR, VRL=VIL=AGND. G=1 ADM=101
Table 9-2 ADC rolling counts versus VR
VR
0.05
0.1
0.2
0.3
0.4
0.6
0.8
1.0
Rolling counts 31
15
5
3
2
2
4
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com