Electronic Components Datasheet Search
  English  ▼

X  

FS98O24 Datasheet(PDF) 20 Page - Fortune Semiconductor Corp.

Part # FS98O24
Description  8-bit MCU with 4k program EPROM, 256-byte RAM
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O24 Datasheet(HTML) 20 Page - Fortune Semiconductor Corp.

Back Button FS98O24 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 24Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 77 page
background image
3.3.2. IND and FSR Registers
The IND (Indirect Addressing) register is not a physical register, but indirect addressing needs the IND register.
Any instruction using the IND register actually accesses the register pointed by the FSR (File Select Register).
While user reads data from the IND register, the CPU gets the data from the Data Memory at the address
stored in FSR. While user writes the data into IND register, CPU actually saves the data into Data Memory at
the address stored in FSR. Please see Figure 3-2.
Figure 3-2 IND & FSR function description
Data Memory
00H
FFH
55h
33H
33h
FSR (8bits)
55h
IND (8bits)
Write
Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com