Electronic Components Datasheet Search
  English  ▼

X  

FS98O24 Datasheet(PDF) 48 Page - Fortune Semiconductor Corp.

Part # FS98O24
Description  8-bit MCU with 4k program EPROM, 256-byte RAM
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O24 Datasheet(HTML) 48 Page - Fortune Semiconductor Corp.

Back Button FS98O24 Datasheet HTML 44Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 45Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 46Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 47Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 48Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 49Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 50Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 51Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 52Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 77 page
background image
9.
ADC Application Guide
The ADC used in FS98O24 is a - ADC with fully differential inputs and fully differential reference voltage
inputs. Its maximum output is 15625. The conversion equation is as follows:
Vro
VRL
-
VRH
Vio
VIL
-
VIH
*
G
*
15625
Dout
G is ADC input gain. (refer to Section 10.1 ADC operation step 6)
VIH is ADC’s positive input voltage
VIL is ADC’s negative input voltage
Vio is ADC’s offset on the input terminals (Vio could be measured by using AZ register flag. See Section
11.4)
VRH is the voltage at the positive input of Reference Voltage
VRL is the voltage at the negative input of Reference Voltage
Vro is the offset on the input terminals of Reference Voltage (Generally speaking, Vro could be ignored)
The value (VRH-VRL+Vro) should be positive.
When G * (VIH-VIL+Vio) / (VRH-VRL+Vro)
1, Dout=15625
When G * (VIH-VIL+Vio) / (VRH-VRL+Vro)
-1, Dout=-15625
9.1. ADC Output Format
CPU can read ADO[14:0] as ADC’s 15
-bit output. Note that the output is in 2’s complement format. The 14th bit
of ADO[14:0] is sign bit. When the sign bit is cleared, the ADC output denotes a positive number, When the sign
bit is set, the ADC output denotes a negative number.
Example:
ADO[15:0] = 0X257FH, then Dout = 9599.
ADO[15:0] = 0XE2F7H, then Dout = - (not (E2F7H) +1) = -7433.
9.2. ADC Linear Range
ADC is close to saturation when G * (VIH-VIL+Vio) / (VRH-VRL+Vro) is close to 1, and has good linearity in
the range of 0.95.
9.3. ADC Output Rate and Settling Time
ADC output is the results of sigma delta modulator and the comb filter. The analog input signal needs to be
sampled N6 times and processed by the ADC and then the user could get one digital output. Generally
speaking, the more times ADC samples the analog input signal, the more precise the digital output is.
When the user decides the sampling frequency and sampling counts, and then enables the ADC module, ADC
module will send out a 15-bit signed digital output data every sampling N times and trigger the ADC interrupt.
In fact, every ADC output includes previous 2*N times sampling results. Generally speaking, if ADC inputs,
reference voltage, ADG, AZ are switched, the previous two ADC digital outputs are normally unstable ones, the
third output and beyond are stable.
9.4. ADC Input Offset
ADC Input Offset Vio is NOT a constant. It drifts with temperature and common mode voltage at the inputs.
To get a correct ADC result, Doff(ADC input offset digital output) should be deducted from the Dout. The
instruction is as follows:
6 ‘N times’ could be decided by setting ADM register flag (Please refer to Section 10.1).
FS98O22 ADC sampling frequency is decided by M1_CK( Please refer to Section 5.3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com